Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMDZ5226B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ5226B
Description  SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ5226B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ5226B Datasheet HTML 1Page - Central Semiconductor Corp CMDZ5226B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
126
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDENCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER VOLTAGE
TEMPERATURE
COEFFICIENT
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
µµµµµA
CMDZ5221B
THRU
CMDZ5261B
SUPER-MINI ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
SOD-323 CASE
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=25
oC)
PD
250
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
500
oC/W
ELECTRICAL CHARACTERISTICS: (TA=25
oC), VF=0.9V MAX @ IF=10mA FOR ALL TYPES.
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMDZ5221B Series Silicon Zener Diode is a
high quality voltage regulator, manufactured
in a super-mini surface mount package,
designed for use in industrial, commercial,
entertainment and computer applications.
SUPER
mini
SUPERTM
TYPE
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
%/°C
CMDZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
CMDZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
CMDZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
CMDZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
CMDZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
CMDZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
CMDZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
CMDZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
CMDZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
CMDZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
CMDZ5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
CMDZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
CMDZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
CMDZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
CMDZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
CMDZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
CMDZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
CMDZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
CMDZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
CMDZ5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
CMDZ5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
CMDZ5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
NEW


Similar Part No. - CMDZ5226B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5226B CENTRAL-CMDZ5226B Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5226B CENTRAL-CMDZ5226B Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMDZ5226B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com