Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25U4035ZNI25G Datasheet(PDF) 4 Page - Macronix International

Part # MX25U4035ZNI25G
Description  4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U4035ZNI25G Datasheet(HTML) 4 Page - Macronix International

  MX25U4035ZNI25G Datasheet HTML 1Page - Macronix International MX25U4035ZNI25G Datasheet HTML 2Page - Macronix International MX25U4035ZNI25G Datasheet HTML 3Page - Macronix International MX25U4035ZNI25G Datasheet HTML 4Page - Macronix International MX25U4035ZNI25G Datasheet HTML 5Page - Macronix International MX25U4035ZNI25G Datasheet HTML 6Page - Macronix International MX25U4035ZNI25G Datasheet HTML 7Page - Macronix International MX25U4035ZNI25G Datasheet HTML 8Page - Macronix International MX25U4035ZNI25G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
MX25U4035
MX25U8035
P/N: PM1394
REV. 1.4, JUL. 23, 2010
Figure 28. Chip Erase (CE) Sequence (Command 60 or C7)......................................................................... 44
Figure 29. Deep Power-down (DP) Sequence (Command B9)....................................................................... 45
Figure 30. Release from Deep Power-down and Read Electronic Signature (RES) Sequence (Command AB)
......................................................................................................................................................................... 45
Figure 31. Release from Deep Power-down (RDP) Sequence (Command AB) ............................................. 46
Figure 32. Read Electronic Manufacturer & Device ID (REMS) Sequence (Command 90 or EF or DF)........ 46
Figure 33. Power-up Timing ............................................................................................................................. 47
Table 11. Power-Up Timing ............................................................................................................................. 47
INITIAL DELIVERY STATE............................................................................................................................... 47
OPERATING CONDITIONS.......................................................................................................................................48
Figure 34. AC Timing at Device Power-Up....................................................................................................... 48
Figure 35. Power-Down Sequence .................................................................................................................. 49
ERASE AND PROGRAMMING PERFORMANCE .................................................................................................... 50
DATA RETENTION ....................................................................................................................................................50
LATCH-UP CHARACTERISTICS ..............................................................................................................................50
ORDERING INFORMATION......................................................................................................................................51
PART NAME DESCRIPTION.....................................................................................................................................52
PACKAGE INFORMATION........................................................................................................................................53
REVISION HISTORY .................................................................................................................................................56


Similar Part No. - MX25U4035ZNI25G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U4035ZUI-25G MCNIX-MX25U4035ZUI-25G Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
More results

Similar Description - MX25U4035ZNI25G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U4035 MCNIX-MX25U4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25V4006E MCNIX-MX25V4006E Datasheet
1Mb / 50P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V4035 MCNIX-MX25V4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25L4006E MCNIX-MX25L4006E Datasheet
1Mb / 52P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L4026E MCNIX-MX25L4026E Datasheet
636Kb / 48P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V8035 MCNIX-MX25V8035_14 Datasheet
2Mb / 55P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25U4033E MCNIX-MX25U4033E Datasheet
842Kb / 68P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L4005A MCNIX-MX25L4005A Datasheet
1Mb / 44P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com