Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25U8033EZNI12G Datasheet(PDF) 6 Page - Macronix International

Part # MX25U8033EZNI12G
Description  8M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U8033EZNI12G Datasheet(HTML) 6 Page - Macronix International

Back Button MX25U8033EZNI12G Datasheet HTML 2Page - Macronix International MX25U8033EZNI12G Datasheet HTML 3Page - Macronix International MX25U8033EZNI12G Datasheet HTML 4Page - Macronix International MX25U8033EZNI12G Datasheet HTML 5Page - Macronix International MX25U8033EZNI12G Datasheet HTML 6Page - Macronix International MX25U8033EZNI12G Datasheet HTML 7Page - Macronix International MX25U8033EZNI12G Datasheet HTML 8Page - Macronix International MX25U8033EZNI12G Datasheet HTML 9Page - Macronix International MX25U8033EZNI12G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
MX25U8033E
6
P/N: PM1718
REV. 1.4, NOV. 06, 2013
• Status Register Feature
• Electronic Identification
- JEDEC 1-byte manufacturer ID and 2-byte device ID
- RES command for 1-byte Device ID
- REMS, REMS2 and REMS4 commands for 1-byte manufacturer ID and 1-byte device ID
• Support Serial Flash Discoverable Parameter (SFDP) mode
HARDWARE FEATURES
• SCLK Input
- Serial clock input
• SI/SIO0
- Serial Data Input or Serial Data Input/Output for 2 x I/O read mode and 4 x I/O read mode
• SO/SIO1
- Serial Data Output or Serial Data Input/Output for 2 x I/O read mode and 4 x I/O read mode
• WP#/SIO2
- Hardware write protection or serial data Input/Output for 4 x I/O read mode
• HOLD#/SIO3
- HOLD feature, to pause the device without deselecting the device or serial data Input/Output for 4 x I/O read
mode
• PACKAGE
- 8-land USON (4x4mm)
- 8-pin SOP (150mil)
- 8-pin SOP (200mil)
- 8-land WSON (6x5mm)
-
All devices are RoHS Compliant and Halogen-free
GENERAL DESCRIPTION
The MX25U8033E is 8,388,608 bit serial Flash memory, which is configured as 1,048,576 x 8 internally. The
MX25U8033E features a serial peripheral interface and software protocol allowing operation on a simple 4-wire bus
while it is in single I/O mode. The four bus signals are a clock input (SCLK), a serial data input (SI), a serial data
output (SO) and a chip select (CS#). Serial access to the device is enabled by CS# input.
When it is in two I/O read mode, the SI pin and SO pin become SIO0 pin and SIO1 pin for address/dummy bits
input and data output. When it is in four I/O read mode, the SI pin, SO pin, WP# pin and HOLD# pin become SIO0
pin, SIO1 pin, SIO2 pin and SIO3 pin for address/dummy bits input and data output.
The MX25U8033E MXSMIO(Serial Multi I/O) provides sequential read operation on the whole chip.
After program/erase command is issued, auto program/erase algorithms which program/erase and verify the
specified page or sector/block locations will be executed. Program command is executed on byte basis, or page
(256 bytes) basis. Erase command is executed on 4K-byte sector, 32K-byte block, or 64K-byte block, or whole chip
basis.
To provide user with ease of interface, a status register is included to indicate the status of the chip. The status read
command can be issued to detect completion status of a program or erase operation via the WIP bit.
Advanced security features enhance the protection and security functions, please see security features section for
more details.
When the device is not in operation and CS# is high, it is put in standby mode.
The MX25U8033E utilizes Macronix's proprietary memory cell, which reliably stores memory contents even after
100,000 program and erase cycles.


Similar Part No. - MX25U8033EZNI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
More results

Similar Description - MX25U8033EZNI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U8035E MCNIX-MX25U8035E Datasheet
1Mb / 81P
   8M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L8073E MCNIX-MX25L8073E Datasheet
2Mb / 64P
   8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25U6435E MCNIX-MX25U6435E Datasheet
1Mb / 83P
   64M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX66U51235F MCNIX-MX66U51235F Datasheet
1Mb / 96P
   1.8V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25U25635F MCNIX-MX25U25635F Datasheet
1Mb / 96P
   1.8V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25V0805F GENERALPLUS-GPR25V0805F Datasheet
1Mb / 45P
   2.3V-3.6V, 8M-Bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25U12873F MCNIX-MX25U12873F Datasheet
1Mb / 90P
   1.8V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.2, September 05, 2017
MX25U25643G MCNIX-MX25U25643G Datasheet
1Mb / 113P
   1.8V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.0, October 08, 2020
MX25U1632F MCNIX-MX25U1632F Datasheet
3Mb / 96P
   1.8V 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.1, December 14, 2022
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com