Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25U12835FZ2I10G Datasheet(PDF) 6 Page - Macronix International

Part # MX25U12835FZ2I10G
Description  1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U12835FZ2I10G Datasheet(HTML) 6 Page - Macronix International

Back Button MX25U12835FZ2I10G Datasheet HTML 2Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 3Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 4Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 5Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 6Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 7Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 8Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 9Page - Macronix International MX25U12835FZ2I10G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
6
MX25U12835F
REV. 1.4, FEB. 12, 2014
P/N: PM1728
2. GENERAL DESCRIPTION
MX25U12835F is 128Mb bits serial Flash memory, which is configured as 16,777,216 x 8 internally. When it is in
two or four I/O mode, the structure becomes 67,108,864 bits x 2 or 33,554,432 bits x 4. MX25U12835F features a
serial peripheral interface and software protocol allowing operation on a simple 3-wire bus while it is in single I/O
mode. The three bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). Serial
access to the device is enabled by CS# input.
When it is in two I/O read mode, the SI pin and SO pin become SIO0 pin and SIO1 pin for address/dummy bits in-
put and data output. When it is in four I/O read mode, the SI pin, SO pin, WP# pin and Reset# pin become SIO0
pin, SIO1 pin, SIO2 pin and SIO3 pin for address/dummy bits input and data output.
The MX25U12835F MXSMIO® (Serial Multi I/O) provides sequential read operation on whole chip.
After program/erase command is issued, auto program/ erase algorithms which program/ erase and verify the
specified page or sector/block locations will be executed. Program command is executed on byte basis, or page (256
bytes) basis, or word basis for erase command is executed on sector (4K-byte), block (32K-byte), or block (64K-byte),
or whole chip basis.
To provide user with ease of interface, a status register is included to indicate the status of the chip. The status read
command can be issued to detect completion status of a program or erase operation via WIP bit.
Advanced security features enhance the protection and security functions, please see security features section for
more details.
The MX25U12835F utilizes Macronix's proprietary memory cell, which reliably stores memory contents even after
100,000 program and erase cycles.
Table 1. Read Performance
MX25U12835F
Read Performance
SPI
QPI
I/O
1 I/O
1I /2O
2 I/O
1I/4O
4 I/O
4 I/O
4 I/O
4 I/O
4 I/O
Dummy Cycle
8
8
4
8
6
8
4
6
8
MHz
104 MHz 104MHz 84 MHz 104MHz 104 MHz 133 MHz* 84 MHz 104 MHz 133 MHz*
* For MX25U12835FZNI-08G only


Similar Part No. - MX25U12835FZ2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
More results

Similar Description - MX25U12835FZ2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12835FZ2I-10G MCNIX-MX25L12835FZ2I-10G Datasheet
1Mb / 84P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235F MCNIX-MX25U3235F Datasheet
1Mb / 90P
   1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U1635E MCNIX-MX25U1635E Datasheet
1Mb / 87P
   16M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U4033E MCNIX-MX25U4033E Datasheet
842Kb / 68P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U2033E MCNIX-MX25U2033E Datasheet
840Kb / 68P
   2M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U6435F MCNIX-MX25U6435F Datasheet
1Mb / 92P
   1.8V 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L1673E MCNIX-MX25L1673E Datasheet
992Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12873F MCNIX-MX25U12873F Datasheet
1Mb / 90P
   1.8V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.2, September 05, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com