Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F800CTTI70G Datasheet(PDF) 11 Page - Macronix International

Part # MX29F800CTTI70G
Description  8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F800CTTI70G Datasheet(HTML) 11 Page - Macronix International

Back Button MX29F800CTTI70G Datasheet HTML 7Page - Macronix International MX29F800CTTI70G Datasheet HTML 8Page - Macronix International MX29F800CTTI70G Datasheet HTML 9Page - Macronix International MX29F800CTTI70G Datasheet HTML 10Page - Macronix International MX29F800CTTI70G Datasheet HTML 11Page - Macronix International MX29F800CTTI70G Datasheet HTML 12Page - Macronix International MX29F800CTTI70G Datasheet HTML 13Page - Macronix International MX29F800CTTI70G Datasheet HTML 14Page - Macronix International MX29F800CTTI70G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
P/N:PM1493
REV. 1.2, JUL. 05, 2012
MX29F800C T/B
RESET
Inthefollowingsituations,executingresetcommandwillresetdevicebacktoreadarraymode:
• Amongerasecommandsequence(beforethefullcommandsetiscompleted)
• Sectorerasetime-outperiod
• Erasefail(whileQ5ishigh)
• Amongprogramcommandsequence(beforethefullcommandsetiscompleted,erase-suspendedprogram
included)
• Programfail(whileQ5ishigh,anderase-suspendedprogramfailisincluded)
• ReadsiliconIDmode
• Sectorprotectverify
Whiledeviceisatthestatusofprogramfailorerasefail(Q5ishigh),usermustissueresetcommandtoreset
devicebacktoreadarraymode.WhilethedeviceisinreadsiliconIDmodeorsectorprotectverifymode,user
mustissueresetcommandtoresetdevicebacktoreadarraymode.
Whenthedeviceisintheprogressofprogramming(notprogramfail)orerasing(noterasefail),devicewillig-
noreresetcommand.
AUTOMATIC SELECT COMMAND SEQUENCE
AutomaticSelectmodeisusedtoaccessthemanufacturerID,deviceIDandtoverifywhetherornotasectoris
protected.Theautomaticselectmodehasfourcommandcycles.Thefirsttwoareunlockcycles,andfollowedby
aspecificcommand.Thefourthcycleisanormalreadcycle,andusercanreadatanyaddressanynumberof
timeswithoutenteringanothercommandsequence.TheresetcommandisnecessarytoexittheAutomaticSe-
lectmodeandbacktoreadarray.Thefollowingtableshowstheidentificationcodewithcorrespondingaddress.
Address
Data(Hex)
Representation
ManufacturerID
Word
X00
00C2
Byte
X00
C2
DeviceID
Word
X01
22D6/2258
Top/BottomBootSector
Byte
X02
D6/58
Top/BottomBootSector
SectorProtectVerify
Word
(Sectoraddress)X02
00/01
Unprotected/protected
Byte
(Sectoraddress)X04
00/01
Unprotected/protected
ThereisanalternativemethodtothatshowninTable2,whichisintendedforEPROMprogrammersandrequires
VhvonaddressbitA9.


Similar Part No. - MX29F800CTTI70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800CTTI-70G MCNIX-MX29F800CTTI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results

Similar Description - MX29F800CTTI70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
logo
ON Semiconductor
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com