Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL128E Datasheet(PDF) 10 Page - Macronix International

Part # MX29GL128E
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL128E Datasheet(HTML) 10 Page - Macronix International

Back Button MX29GL128E_14 Datasheet HTML 6Page - Macronix International MX29GL128E_14 Datasheet HTML 7Page - Macronix International MX29GL128E_14 Datasheet HTML 8Page - Macronix International MX29GL128E_14 Datasheet HTML 9Page - Macronix International MX29GL128E_14 Datasheet HTML 10Page - Macronix International MX29GL128E_14 Datasheet HTML 11Page - Macronix International MX29GL128E_14 Datasheet HTML 12Page - Macronix International MX29GL128E_14 Datasheet HTML 13Page - Macronix International MX29GL128E_14 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
10
P/N:PM1500
REV. 1.8, NOV. 13, 2013
MX29GL128E
Table 2-1. BUS OPERATION
Notes:
1.ThefirstorlastsectorwasprotectedifWP#/ACC=Vil.
2. WhenWP#/ACC=Vih,theprotectionconditionsoftheoutmostsectordependsonpreviousprotectioncondi-
tions.Refertotheadvancedprotectfeature.
3. Q0~Q15areinput(DIN)oroutput(DOUT)pinsaccordingtotherequestsofcommandsequence,sectorpro-
tection,ordatapollingalgorithm.
4. InWordMode(Byte#=Vih),theaddressesareAMtoA0,AM:MSBofaddress.
InByteMode(Byte#=Vil),theaddressesareAMtoA-1(Q15),AM:MSBofaddress.
Mode Select
RE-
SET#
CE#
WE# OE#
Address
(Note4)
Data
I/O
Q7~Q0
Byte#
WP#/
ACC
Vil
Vih
Data (I/O)
Q15~Q8
DeviceReset
L
X
X
X
X
HighZ HighZ
HighZ
L/H
StandbyMode
Vcc±
0.3V
Vcc±
0.3V
X
X
X
HighZ HighZ
HighZ
H
OutputDisable
H
L
H
H
X
HighZ HighZ
HighZ
L/H
ReadMode
H
L
H
L
AIN
DOUT Q8-Q14=
HighZ,
Q15=A-1
DOUT
L/H
Write
H
L
L
H
AIN
DIN
DIN
Note1,2
AccelerateProgram
H
L
L
H
AIN
DIN
DIN
Vhv
BUS OPERATION


Similar Part No. - MX29GL128E_14

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29GL128E_14

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com