Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL128E Datasheet(PDF) 2 Page - Macronix International

Part # MX29GL128E
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL128E Datasheet(HTML) 2 Page - Macronix International

  MX29GL128E_14 Datasheet HTML 1Page - Macronix International MX29GL128E_14 Datasheet HTML 2Page - Macronix International MX29GL128E_14 Datasheet HTML 3Page - Macronix International MX29GL128E_14 Datasheet HTML 4Page - Macronix International MX29GL128E_14 Datasheet HTML 5Page - Macronix International MX29GL128E_14 Datasheet HTML 6Page - Macronix International MX29GL128E_14 Datasheet HTML 7Page - Macronix International MX29GL128E_14 Datasheet HTML 8Page - Macronix International MX29GL128E_14 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2
P/N:PM1500
REV. 1.8, NOV. 13, 2013
MX29GL128E
FEATURES
GENERAL FEATURES
• PowerSupplyOperation
-2.7to3.6voltforread,erase,andprogramoperations
-MX29GL128EH/L:VI/O=VCC=2.7V~3.6V,VI/OvoltagemusttightwithVCC
-MX29GL128EU/D:VI/O=1.65V~3.6VforInput/Output
• Byte/Wordmodeswitchable
-16,777,216x8/8,388,608x16
• 64KW/128KBuniformsectorarchitecture
-128equalsectors
• 16-byte/8-wordpagereadbuffer
• 64-byte/32-wordwritebuffer
• Extra128-wordsectorforsecurity
-Featuresfactorylockedandidentifiable,andcustomerlockable
• Advancedsectorprotectionfunction(SolidandPasswordProtect)
• Latch-upprotectedto100mAfrom-1Vto1.5xVcc
• LowVccwriteinhibit:Vcc≤VLKO
• CompatiblewithJEDECstandard
-PinoutandsoftwarecompatibletosinglepowersupplyFlash
• Deeppowerdownmode
PERFORMANCE
• HighPerformance
-Fastaccesstime:
-MX29GL128EH/L:90ns(VCC=2.7~3.6V)
-MX29GL128EU/D:110ns(VCC=2.7~3.6V,VI/O=1.65VtoVcc)
-Pageaccesstime:
-MX29GL128EH/L:25ns
-MX29GL128EU/D:30ns
-Fastprogramtime:10us/word
-Fasterasetime:0.5s/sector
• LowPowerConsumption
-Lowactivereadcurrent:10mA(typical)at5MHz
-Lowstandbycurrent:20uA(typical)
• Typical100,000erase/programcycle
• 20yearsdataretention
SOFTWARE FEATURES
• Program/EraseSuspend&Program/EraseResume
- Suspends sector erase operation to read data from or program data to another sector which is not being
erased
-Suspendssectorprogramoperationtoreaddatafromanothersectorwhichisnotbeingprogram
• StatusReply
-Data#Polling&Togglebitsprovidedetectionofprogramanderaseoperationcompletion
• SupportCommonFlashInterface(CFI)
HARDWARE FEATURES
• Ready/Busy#(RY/BY#)Output
-Providesahardwaremethodofdetectingprogramanderaseoperationcompletion
• HardwareReset(RESET#)Input
-Providesahardwaremethodtoresettheinternalstatemachinetoreadmode
• WP#/ACCinputpin
-Hardwarewriteprotectpin/Providesacceleratedprogramcapability
PACKAGE
• 56-PinTSOP
• 64-BallFBGA(10mmx13mm)
• 64-BallLFBGA(11mmx13mm)
• 70-PinSSOP
All devices are RoHS Compliant and Halogen-free
SINGLE VOLTAGE 3V ONLY FLASH MEMORY


Similar Part No. - MX29GL128E_14

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29GL128E_14

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com