Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F800CTXEI70G Datasheet(PDF) 10 Page - Macronix International

Part # MX29F800CTXEI70G
Description  8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F800CTXEI70G Datasheet(HTML) 10 Page - Macronix International

Back Button MX29F800CTXEI70G Datasheet HTML 6Page - Macronix International MX29F800CTXEI70G Datasheet HTML 7Page - Macronix International MX29F800CTXEI70G Datasheet HTML 8Page - Macronix International MX29F800CTXEI70G Datasheet HTML 9Page - Macronix International MX29F800CTXEI70G Datasheet HTML 10Page - Macronix International MX29F800CTXEI70G Datasheet HTML 11Page - Macronix International MX29F800CTXEI70G Datasheet HTML 12Page - Macronix International MX29F800CTXEI70G Datasheet HTML 13Page - Macronix International MX29F800CTXEI70G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
P/N:PM1493
REV. 1.2, JUL. 05, 2012
MX29F800C T/B
TABLE 3. MX29F800C T/B COMMAND DEFINITIONS
Notes:
1.DeviceID:22D6H/D6HforTopBootSectordevice.
2258H/58HforBottomBootSectordevice.
2.For sector protect verify result, XX00H/00H means sector is not protected, XX01H/01H means sector has
beenprotected.
3.SectorProtectcommandisvalidduringVhvatRESET#pin,VihatA1pinandVilatA0,A6pins.ThelastBus
cycisforprotectverify.
4. Itisnotallowedtoadoptanyothercodewhichisnotintheabovecommanddefinitiontable.
Command
ReadMode ResetMode
AutomaticSelect
ManufacturerID
DeviceID
SectorProtectVerify
Word
Byte
Word
Byte
Word
Byte
1stBus
Cycle
Addr
Addr
XXX
555
AAA
555
AAA
555
AAA
Data
Data
F0
AA
AA
AA
AA
AA
AA
2ndBus
Cycle
Addr
2AA
555
2AA
555
2AA
555
Data
55
55
55
55
55
55
3rdBus
Cycle
Addr
555
AAA
555
AAA
555
AAA
Data
90
90
90
90
90
90
4thBus
Cycle
Addr
X00
X00
X01
X02
(Sector)X02 (Sector)X04
Data
00C2
C2
ID
ID
XX00/XX01
00/01
5thBus
Cycle
Addr
Data
6thBus
Cycle
Addr
Data
Command
Program
ChipErase
SectorErase
Erase
Suspend
Erase
Resume
SectorProtect
Word
Byte
Word
Byte
Word
Byte
Word
Byte
1stBus
Cycle
Addr
555
AAA
555
AAA
555
AAA
Sector
Sector
XXX
XXX
Data
AA
AA
AA
AA
AA
AA
B0
30
60
60
2ndBus
Cycle
Addr
2AA
555
2AA
555
2AA
555
sector
sector
Data
55
55
55
55
55
55
60
60
3rdBus
Cycle
Addr
555
AAA
555
AAA
555
AAA
sector
sector
Data
A0
A0
80
80
80
80
40
40
4thBus
Cycle
Addr
Addr
Addr
555
AAA
555
AAA
sector
sector
Data
Data
Data
AA
AA
AA
AA
00/01
00/01
5thBus
Cycle
Addr
2AA
555
2AA
555
Data
55
55
55
55
6thBus
Cycle
Addr
555
AAA
Sector
Sector
Data
10
10
30
30


Similar Part No. - MX29F800CTXEI70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800CTXEI-70G MCNIX-MX29F800CTXEI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results

Similar Description - MX29F800CTXEI70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
logo
ON Semiconductor
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com