Electronic Components Datasheet Search |
|
A3959SB-T Datasheet(PDF) 2 Page - Allegro MicroSystems |
|
A3959SB-T Datasheet(HTML) 2 Page - Allegro MicroSystems |
2 / 11 page DMOS Full-Bridge PWM Motor Driver A3959 2 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Selection Guide Part Number Package Packing A3959SB-T 24-pin DIP with exposed tabs 15 per tube A3959SLB-T 24-pin SOIC with internally fused pins 31 per tube A3959SLBTR-T 24-pin SOIC with internally fused pins 1000 per reel A3959SLP-T 28-pin TSSOP with exposed thermal pad 50 per tube A3959SLPTR-T 28-pin TSSOP with exposed thermal pad 4000 per reel Absolute Maximum Ratings Characteristic Symbol Notes Rating Units Load Supply Voltage VBB 50 V Logic Supply Voltage VDD 7.0 V Input Voltage VIN Continuous –0.3 to VDD + 0.3 V tw < 30 ns –1.0 to VDD + 1.0 V Sense Voltage VS Continuous 0.5 V tw < 3 μs 2.5 V Reference Voltage VREF VDD V Output Current IOUT Output current rating may be limited by duty cycle, am- bient temperature, and heat sinking. Under any set of conditions, do not exceed the specified current rating or a junction temperature of 150°C. Repetitive ±3.0 A Peak, < 3 μs ±6.0 A Package Power Dissipation PD See Thermal Characteristics – – Operating Ambient Temperature TA Range S –20 to 85 ºC Maximum Junction Temperature TJ(max) Fault conditions that produce excessive junction temperature will activate the device’s thermal shutdown circuitry. These conditions can be toler- ated but should be avoided. 150 ºC Storage Temperature Tstg –55 to 150 ºC |
Similar Part No. - A3959SB-T |
|
Similar Description - A3959SB-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |