Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3959SLBTR-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3959SLBTR-T
Description  DMOS Full-Bridge PWM Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3959SLBTR-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3959SLBTR-T Datasheet HTML 1Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 2Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 3Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 4Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 5Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 6Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 7Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 8Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
Designed for pulse width modulated (PWM) current control of
DC motors, theA3959 is capable of output currents to ±3Aand
operatingvoltagesto50V.Internalfixedoff-timePWMcurrent-
control timing circuitry can be adjusted via control inputs to
operate in slow, fast, and mixed current-decay modes.
PHASE and ENABLE input terminals are provided for use
in controlling the speed and direction of a DC motor with
externally applied PWM-control signals. Internal synchronous
rectification control circuitry is provided to reduce power
dissipation during PWM operation.
Internal circuit protection includes thermal shutdown with
hysteresis, undervoltage monitoring of supply and charge
pump, and crossover-current protection. Special power-up
sequencing is not required.
TheA3959 provides a choice of three power packages, a 24-pin
DIP with batwing tabs (package suffix ‘B’), a 24-lead SOIC
with four internally-fused pins (package suffix ‘LB’), and a
thin (<1.2 mm) 28-pin TSSOP with an exposed thermal pad
(suffix ‘LP’). In all cases, the power pins and tabs are at ground
potential and need no electrical isolation. Each package is lead
(Pb) free, with 100% matte tin leadframes.
29319.37K
Features and Benefits
▪ ±3 A, 50 V Output Rating
▪ Low rDS(on) Outputs (270 mΩ, Typical)
▪ Mixed, Fast, and Slow Current-Decay Modes
▪ Synchronous Rectification for Low Power Dissipation
▪ Internal UVLO and Thermal-Shutdown Circuitry
▪ Crossover-Current Protection
▪ Internal Oscillator for Digital PWM Timing
DMOS Full-Bridge PWM Motor Driver
Packages:
Functional Block Diagram
Not to scale
A3959
Package LP, 28-pin TSSOP
with exposed thermal pad
Package B, 24-pin DIP
with exposed tabs
Package LB, 24-pin SOIC
with internally fused pins
CHARGE PUMP
BANDGAP
VDD
CREG
TSD
UNDER-
VOLTAGE &
FAULT DETECT
CHARGE
PUMP
BANDGAP
REGULATOR
VDD
VBB
+
LOGIC
SUPPLY
VREG
LOAD
SUPPLY
Dwg. FP-048-2A
CONTROL LOGIC
SENSE
RS
SLEEP
EXT MODE
PHASE
ENABLE
BLANK
PFD1
PFD2
REFERENCE
BUFFER &
10
CURRENT
SENSE
ZERO
CURRENT
DETECT
OUTA
OUTB
REF
PWM
TIMER
VREF
CS
OSC
ROSC
TO VDD
TO VDD


Similar Part No. - A3959SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB ALLEGRO-A3959SLB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
More results

Similar Description - A3959SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950 ALLEGRO-A4950 Datasheet
230Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com