Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4953ELJTR-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4953ELJTR-T
Description  Full-Bridge DMOS PWM Motor Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4953ELJTR-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4953ELJTR-T Datasheet HTML 3Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 4Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 5Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 6Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 7Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 8Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 9Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 10Page - Allegro MicroSystems A4953ELJTR-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Full-Bridge DMOS PWM Motor Drivers
A4952 and
A4953
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LY, 10-Pin MSOP
with exposed thermal pad
Terminal #1 mark area
A
Gauge Plane
Seating Plane
0.86 ±0.05
SEATING
PLANE
0.50
REF
0.25
2
1
10
2
1
10
A
B
C
C
0.53 ±0.10
0.15 ±0.05
0.05
0.15
0° to 6°
3.00 ±0.10
3.00 ±0.10
4.88 ±0.20
1.73
4.60
1.98
1.98 MIN
1.73
2
1
10
1
0.30
0.50
1.65
0.27
0.18
For Reference Only; not for tooling use (reference JEDEC MO-187BA-T)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
B
Exposed thermal pad (bottom surface)
Reference land pattern layout (reference IPC7351 SOP50P490X110-11M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances; when
mounting on a multilayer PCB, thermal vias at the exposed thermal pad land
can improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5)


Similar Part No. - A4953ELJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4953 ALLEGRO-A4953 Datasheet
292Kb / 11P
   Designed for pulse width modulated (PWM) control of DC motors, the A4952 and A4953 are capable of peak output currents to 짹2 A and operating voltages to 40 V.
More results

Similar Description - A4953ELJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
2953 ALLEGRO-2953 Datasheet
565Kb / 7P
   FULL-BRIDGE PWM MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com