Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T60004-L2040-W624 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # T60004-L2040-W624
Description  NaNOcRysTallINE VITROPERM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T60004-L2040-W624 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button T60004-L2040-W624 Datasheet HTML 6Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 7Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 8Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 9Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 10Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 11Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 12Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 13Page - List of Unclassifed Manufacturers T60004-L2040-W624 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Tmax =
120 °C 1)
130/155 °C 1)
180 °C 1)
μi=
15 000...150 000
4 000... 6 000
PFe = 80 W/kg (typ.)
Max. operational temperature
Continuous-epoxy
Continuous-plastic casing
short-term
Permeability
VITROPERM 500F
VITROPERM 250F
Core losses (100 kHz, 0.3 T)
The superior material properties of nanocrystalline
VITROPERM enable common mode chokes with
high inductance/impedance with a small number of
turns, resulting in reduced copper losses, low win-
ding capacitance and excellent HF performance.
Due to the high initial permeability, low winding ca-
pacitance and a low Q-factor (above 100 kHz)
VITROPERM CMCs offer a broadband insertion loss
curve ranging from 10 kHz up to several MHz and
improved attenuation behaviour at both low and high
frequencies in comparison to conventional ferrite
chokes with similar core dimensions and identical
windings (see Fig. 13).
Better attenuation properties and an extended ope-
rating temperature range allow a reduction of the
component volume by a factor of up to 3 or more
under similar conditions. Note that the insertion loss
curve of the small VITROPERM choke in Fig. 14 is
similar to that of ferrite materials at frequencies of
about 600 kHz – 1 MHz and is superior below 500
kHz and above 1 MHz.
The excellent attenuation of VITROPERM CMCs
simplifies the filter design in a wide frequency range.
For laboratory tests, VAC offers different sample kits
with selected standard cores and chokes.
Fig. 13: Comparison of insertion loss curve of a VITROPERM 500F CMC (red curve) and ferrite CMC
(blue curve) of similar size and with the same number of turns.
Fig. 14: Comparison of the dimensions of a VITROPERM 500F CMC (red curve) and ferrite CMC
(blue curve) with similar attenuation properties in the 1 MHz range
design advantages
with
VITROPERM
Bs = 1.2 T
Hc < 3 A/m
λs=
10-8....10-6
≈ 8 x 10-6
≈115 μ cm
Tc > 600 °C
VITROPERM – typical data
Saturation flux density
Coercivity (static)
Saturation magnetostriction
VITROPERM 500F
VITROPERM 250F
Specific electrical resistance
Curie temperature
1) Please contact VAC for more detailed information about the temperature limits of our casing and coating materials.
10
NaNOcRysTallINE VITROPERM / EMc PROducTs


Similar Part No. - T60004-L2040-W624

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2020-W374 VACUUMSCHMELZE-T60004-L2020-W374 Datasheet
28Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2025-W375 VACUUMSCHMELZE-T60004-L2025-W375 Datasheet
46Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2030-W376 VACUUMSCHMELZE-T60004-L2030-W376 Datasheet
22Kb / 1P
   Specification for Soft Magnetic Cores
T60004-L2050-W434 VACUUMSCHMELZE-T60004-L2050-W434 Datasheet
30Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2050-W583 VACUUMSCHMELZE-T60004-L2050-W583 Datasheet
27Kb / 2P
   Specification for Soft Magnetic Cores
More results

Similar Description - T60004-L2040-W624

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com