Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD420 Datasheet(PDF) 6 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices AD420 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD420
Rev. H | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC 1
VLL 2
FAULT DETECT 3
RANGE SELECT 2 4
NC
24
VCC
23
NC
22
CAP 2
21
RANGE SELECT 1 5
CAP 1
20
CLEAR 6
BOOST
19
LATCH 7
IOUT
18
CLOCK 8
VOUT
17
DATA IN 9
OFFSET TRIM
16
DATA OUT 10
REF IN
15
GND 11
REF OUT
14
NC 12
NC
13
NC = NO CONNECT
AD420
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 12,
13, 24
NC
No Connection. No internal connections inside device.
2
VLL
Auxiliary buffered +4.5 V digital logic voltage. This pin is the internal supply voltage for the digital
circuitry and can be used as a termination for pull-up resistors. An external +5 V power supply can be
connected to VLL. It will override this buffered voltage, thus reducing the internal power dissipation. The
VLL pin should be decoupled to GND with a 0.1 μF capacitor. See the Power Supplies and Decoupling
section.
3
FAULT DETECT
FAULT DETECT, connected to a pull-up resistor, is asserted low when the output current does not match
the DAC’s programmed value, for example, in case the current loop is broken.
4
RANGE SELECT 2
Selects the converter’s output operating range. One output voltage range and three
5
RANGE SELECT 1
output current ranges are available.
6
CLEAR
Valid VIH unconditionally forces the output to go to the minimum of its programmed range. After CLEAR
is removed the DAC output will remain at this value. The data in the input register is unaffected.
7
LATCH
In the 3-wire interface mode a rising edge parallel loads the serial input register data into the DAC. To
use the asynchronous mode connect LATCH through a current limiting resistor to VCC.
8
CLOCK
Data Clock Input. The clock period is equal to the input data bit rate in the 3-wire interface mode and is
16 times the bit rate in asynchronous mode.
9
DATA IN
Serial Data Input.
10
DATA OUT
Serial Data Output. In the 3-wire interface mode, this output can be used for daisy-chaining multiple
AD420s. In the asynchronous mode a positive pulse will indicate a framing error after the stop-bit is
received.
11
GND
Ground (Common).
14
REF OUT
+5 V Reference Output.
15
REF IN
Reference Input.
16
OFFSET TRIM
Offset Adjust.
17
VOUT
Voltage Output.
18
IOUT
Current Output.
19
BOOST
Connect to an external transistor to reduce the power dissipated in the AD420 output transistor, if
desired.
20
CAP 1
These pins are used for internal filtering. Connect capacitors between each of these
21
CAP 2
pins and VCC. Refer to the description of current output operation.
22
NC
No Connection. Do not connect anything to this pin.
23
VCC
Power Supply Input. The VCC pin should always be decoupled to GND with a 0.1 μF capacitor. See the
Power Supplies and Decoupling section.


Similar Part No. - AD420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
logo
List of Unclassifed Man...
AD420-00 ETC2-AD420-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD420AN-32 AD-AD420AN-32 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420AN-32 AD-AD420AN-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Similar Description - AD420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com