Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD420AR-32-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD420AR-32-REEL
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420AR-32-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD420AR-32-REEL Datasheet HTML 5Page - Analog Devices AD420AR-32-REEL Datasheet HTML 6Page - Analog Devices AD420AR-32-REEL Datasheet HTML 7Page - Analog Devices AD420AR-32-REEL Datasheet HTML 8Page - Analog Devices AD420AR-32-REEL Datasheet HTML 9Page - Analog Devices AD420AR-32-REEL Datasheet HTML 10Page - Analog Devices AD420AR-32-REEL Datasheet HTML 11Page - Analog Devices AD420AR-32-REEL Datasheet HTML 12Page - Analog Devices AD420AR-32-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD420
Rev. H | Page 9 of 16
THEORY OF OPERATION
The AD420 uses a sigma-delta (Σ-Δ) architecture to carry out
the digital-to-analog conversion. This architecture is particularly
well suited for the relatively low bandwidth requirements of the
industrial control environment because of its inherent
monotonicity at high resolution.
In the AD420 a second order modulator is used to keep com-
plexity and die size to a minimum. The single bit stream from
the modulator controls a switched current source that is then
filtered by two, continuous time resistor-capacitor sections.
The capacitors are the only external components that have to be
added for standard current-out operation. The filtered current
is amplified and mirrored to the supply rail so that the application
simply sees a 4 mA–20 mA, 0 mA–20 mA, or 0 mA–24 mA
current source output with respect to ground. The AD420
is manufactured on a BiCMOS process that is well suited to
implementing low voltage digital logic with high performance
and high voltage analog circuitry.
The AD420 can also provide a voltage output instead of a current
loop output if desired. The addition of a single external amplifier
allows the user to obtain 0 V–5 V, 0 V–10 V, ±5 V, or ±10 V.
The AD420 has a loop fault detection circuit that warns if the
voltage at IOUT attempts to rise above the compliance range, due
to an open-loop circuit or insufficient power supply voltage. The
FAULT DETECT is an active low open drain signal so that one
can connect several AD420s together to one pull-up resistor for
global error detection. The pull-up resistor can be tied to the
VLL pin, or an external +5 V logic supply.
The IOUT current is controlled by a PMOS transistor and an
internal amplifier as shown in the functional block diagram.
The internal circuitry that develops the fault output avoids
using a comparator with window limits since this would require
an actual output error before the FAULT DETECT output
becomes active. Instead, the signal is generated when the
internal amplifier in the output stage of the AD420 has less than
approximately one volt remaining of drive capability (when
the gate of the output PMOS transistor nearly reaches ground).
Thus the FAULT DETECT output activates slightly before the
compliance limit is reached. Since the comparison is made
within the feedback loop of the output amplifier, the output
accuracy is maintained by its open-loop gain, and no output
error occurs before the fault detect output becomes active.
The 3-wire digital interface, comprising DATA IN, CLOCK,
and LATCH, interfaces to all commonly used serial micropro-
cessors without the addition of any external glue logic. Data is
loaded into an input register under control of CLOCK and is
loaded to the DAC when LATCH is strobed. If a user wants to
minimize the number of galvanic isolators in an intrinsically
safe application, the AD420 can be configured to run in
asynchronous mode. This mode is selected by connecting the
LATCH pin to VCC through a current limiting resistor. The data
must then be combined with a start and stop bit to frame the
information and trigger the internal LATCH signal.
FAULT
DETECT
IOUT
BOOST
40Ω
1.25kΩ
4kΩ
VOUT
OFFSET
TRIM
CAP 1 CAP 2
GND
VLL
VCC
REF OUT
REF IN
DATA OUT
CLEAR
LATCH
CLOCK
DATA IN
RANGE
SELECT 1
RANGE
SELECT 2
AD420
REFERENCE
DATA I/P
REGISTER
SWITCHED
CURRENT
SOURCES
AND
FILTERING
CLOCK
16-BIT
DAC
2
19
23
18
17
3
21
11
20
16
14
15
10
6
7
8
9
5
4
Figure 5. Functional Block Diagram


Similar Part No. - AD420AR-32-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420AR-32-REEL AD-AD420AR-32-REEL Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Similar Description - AD420AR-32-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com