Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29SL800CBXBC90G Datasheet(PDF) 2 Page - Macronix International

Part # MX29SL800CBXBC90G
Description  8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29SL800CBXBC90G Datasheet(HTML) 2 Page - Macronix International

  MX29SL800CBXBC90G Datasheet HTML 1Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 2Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 3Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 4Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 5Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 6Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 7Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 8Page - Macronix International MX29SL800CBXBC90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
P/N:PM1244
REV. 2.0, NOV. 20, 2008
MX29SL800C T/B
MX29SL802C T/B
PIN CONFIGURATIONS
48 TSOP (Standard Type) (12mm x 20mm)
48-Ball CSP( Ball Pitch = 0.8 mm), Top View, Balls Facing Down
6
5
4
3
2
1
AB
C
D
E
F
G
H
A9
WE#
RY/BY#
A7
A3
A8
RE-
SET#
NC
A17
A4
A10
NC
A18
A6
A2
A11
NC
NC
A5
A1
Q7
Q5
Q2
Q0
A0
Q14
Q12
Q10
Q8
CE#
Q13
VCC
Q11
Q9
OE#
Q6
Q4
Q3
Q1
GND
A13
A12
A14
A15
A16
BYTE#
Q15/
A-1
GND
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
RESET#
NC
NC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - MX29SL800CBXBC90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29SL800CBXBC-90 MCNIX-MX29SL800CBXBC-90 Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX29SL800CBXBC-90G MCNIX-MX29SL800CBXBC-90G Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
More results

Similar Description - MX29SL800CBXBC90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
Macronix International
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800C MCNIX-MX29F800C Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Sharp Corporation
LHF80V03 SHARP-LHF80V03 Datasheet
1Mb / 43P
   Flash Memory 8M (1M x 8/512K x 160
LHF80V13 SHARP-LHF80V13 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞8/512K x 16)
logo
Macronix International
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
   8M (1M X 8/512K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com