Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS3X61 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # DTS3X61
Description  Climatiseur exterieur de 4000-7500 BTUH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DTS3X61 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  DTS3X61 Datasheet HTML 1Page - Hammond Manufacturing Ltd. DTS3X61 Datasheet HTML 2Page - Hammond Manufacturing Ltd. DTS3X61 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type of Refrigerant
R134a
R134a
Regrigerant Charge
500 g
500 g
Adjustable Thermostat
Factory setting +95°F (+35°C)
Factory setting +95°F (+35°C)
Max. Ambient Air Temp.
+125°F (+52°C)
+125°F (+52°C)
Min. Ambient Air Temp.
+46°F (+8°C)
+46°F (+8°C)
Air Capacity (unrestricted)
Internal Circulation 350 CFM
Internal Circulation 580 CFM
External Circulation 350 CFM
External Circulation 580 CFM
Condensation Discharge
Condensate Evaporator
Condensate Evaporator
Filter Mat
150 g/m²
150 g/m²
Db Noise Level
<70 dB(A)
<73 dB(A)
Unit Weight
84 lbs (36 kg)
120 lbs (46 kg)
Exterior Case
Galvanized Steel Powdercoat finish
Galvanized Steel Powdercoat finish
Finish
RAL7035 Light Grey powder Finish
RAL7035 Light Grey powder Finish
NEMA Rating
Enclosures IP 56/NEMA 3R/4
Enclosures IP 56/NEMA 3R/4
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - DTS3X61

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DTS3X41 HAMMOND-DTS3X41 Datasheet
129Kb / 3P
   Climatiseur int챕rieur de 4000-7000 BTUH
DTS3X45 HAMMOND-DTS3X45 Datasheet
177Kb / 3P
   Climatiseur interieur de 5000-12000 BTUH
DTS3X81 HAMMOND-DTS3X81 Datasheet
134Kb / 3P
   Climatiseur exterieur de 4000-7500 BTUH
DTS3XX5 HAMMOND-DTS3XX5 Datasheet
187Kb / 3P
   Climatiseur exterieur de 5000-12000 BTUH
More results

Similar Description - DTS3X61

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DTS3X81 HAMMOND-DTS3X81 Datasheet
134Kb / 3P
   Climatiseur exterieur de 4000-7500 BTUH
DTS3081 HAMMOND-DTS3081 Datasheet
107Kb / 3P
   Climatiseur exterieur de 2500 BTUH
DTS31X1SL HAMMOND-DTS31X1SL Datasheet
131Kb / 3P
   Climatiseur exterieur compact de 3500 BTUH
DTS3XX5 HAMMOND-DTS3XX5 Datasheet
187Kb / 3P
   Climatiseur exterieur de 5000-12000 BTUH
DTS3031 HAMMOND-DTS3031 Datasheet
128Kb / 3P
   Climatiseur exterieur de 900-1200 BTUH
DTS3031SS HAMMOND-DTS3031SS Datasheet
129Kb / 3P
   Climatiseur exterieur de 900-1200 BTUH
DTS3X41 HAMMOND-DTS3X41 Datasheet
129Kb / 3P
   Climatiseur int챕rieur de 4000-7000 BTUH
DTS2000 HAMMOND-DTS2000 Datasheet
84Kb / 2P
   Climatiseur interieur de 2000 BTUH
DTS3041 HAMMOND-DTS3041 Datasheet
146Kb / 3P
   Climatiseur interieur de 2500 BTUH
DTT6X01 HAMMOND-DTT6X01 Datasheet
100Kb / 3P
   Climatiseur interieur de 1200-14000 BTUH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com