Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23PN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 23PN
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23PN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  23PN Datasheet HTML 1Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 2Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 3Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 4Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 5Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 6Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 7Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 8Page - List of Unclassifed Manufacturers 23PN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
D
D3
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
MISCELLANEOUS HARDWARE (CONT'D.)
DECORATIVE NUT A447
Thru thread, chromium plated brass
1/4-40
KNURLED NUT U369 1/4-40
Nickel plated brass
(1/4-40UNS)
(1/4-40UNS)
(.303 DIA)
(.303 DIA)
(.100)
(.100)
7.70 DIA
7.70 DIA
2.54
2.54
6.35 DIA-40UNS
6.35 DIA-40UNS
KNURLED NUT U501 1/4-40
Chrome plated brass
(.078)
(.078)
(.314 DIA)
(.314 DIA)
(1/4-40UNS)
(1/4-40UNS)
6.35 DIA-40UNS
6.35 DIA-40UNS
8.00 DIA
8.00 DIA
2.00
2.00
KNURLED NUT Brass 1/4-40
Nickel plated U229 Matte black U230
(1/4-40UNS)
(1/4-40UNS)
(.354 DIA)
(.354 DIA)
(.086)
(.086)
9.00 DIA
9.00 DIA
2.20
2.20
6.35 DIA-40UNS
6.35 DIA-40UNS
KNURLED CAP NUT Brass 1/4-40
Chrome plated U216 Matte black U218
(.354 DIA)
(.106)
(1/4-40UNS)
6.35 DIA-40UNS
9.00 DIA
2.70
KNURLED CAP NUT Brass 1/4-40
Chrome pl. U268 Matte black U725
(.472 DIA)
(.472 DIA)
(.102)
(.102)
(1/4-40UNS)
(1/4-40UNS)
6.35 DIA-40UNS
6.35 DIA-40UNS
2.60
2.60
12.00 DIA
12.00 DIA
KNURLED NUT U2311 10mm (.393")
Chrome plated brass
(.551 DIA)
(.551 DIA)
(.086)
(.086)
14.00 DIA
14.00 DIA
2.20
2.20
10.00 DIA x 0.75 SI
10.00 DIA x 0.75 SI
(.393 DIA X 0.75 SI)
(.393 DIA X 0.75 SI)
KNURLED CAP NUT U2220
10mm (.393") Chrome plated brass
(.551 DIA)
(.551 DIA)
(.393 DIA X 0.75 SI)
(.393 DIA X 0.75 SI)
(.157)
(.157)
14.00 DIA
14.00 DIA
4.00
4.00
10.00 DIA x 0.75 SI
10.00 DIA x 0.75 SI
KNURLED NUT Brass 15/32-32
Nickel plated U53 Matte black U1634
(.629 DIA)
(.629 DIA)
(15/32-32UNS)
(15/32-32UNS)
(.098)
(.098)
16.00 DIA
16.00 DIA
2.50
2.50
11.90 DIA-32UNS
11.90 DIA-32UNS
KNURLED CAP NUT U123 15/32-32
Chrome plated brass
(.629 DIA)
(.629 DIA)
(.157)
(.157)
16.00 DIA
16.00 DIA
4.00
4.00
11.90 DIA-32UNS
11.90 DIA-32UNS
(15/32-32UNS)
(15/32-32UNS)
KNURLED CAP NUT U124 15/32-32
Chrome plated brass
(.629 DIA)
(.629 DIA)
(.157)
(.157)
16.00 DIA
16.00 DIA
4.00
4.00
11.90 DIA-32UNS
11.90 DIA-32UNS
(15/32-32UNS)
(15/32-32UNS)
PANEL DRESS NUT Brass 12mm
(.472") Nickel plated U411, Matte
black U413, Chrome plated U412
(.098)
(.098)
2.50
2.50
16.00 DIA
16.00 DIA
(.63 DIA)
(.63 DIA)
KNURLED CAP NUT Brass
12mm (.472") Chrome plated U117
Matte black U129
16.00 DIA
16.00 DIA
(.629 DIA)
(.629 DIA)
(.157)
(.157)
4.00
4.00
KNURLED CAP NUT Brass
12mm (.472") Chrome plated U118
Matte black U130
16.00 DIA
(.629 DIA)
(.157)
4.00
INSULATED PANEL DRESS NUT
12mm (.472") ABS or polyamide with
glass fiber. blue U521, black U522,
green U523, gray U524, yellow U525,
red U526, white U527/1, orange U529
(.157)
(.157)
4.00
4.00
(.669 DIA)
(.669 DIA)
17.00 DIA
17.00 DIA
KNURLED NUT U1977-5
19mm (.748") Nickel plated brass
(.866 DIA)
(.866 DIA)
22.00 DIA
22.00 DIA
(.177)
(.177)
4.50
4.50
(.748 DIAx1.00 IS)
(.748 DIAx1.00 IS)
19.00 DIAx1.00 SI
19.00 DIAx1.00 SI
(.051-45 )
(.051-45 )
1.30-45
1.30-45
(.086)
(.086)
(.354 DIA)
(.354 DIA)
9.00 DIA
9.00 DIA
2.20
2.20
6.00 DIA
6.00 DIA x 0.75 SI
x 0.75 SI
(.236 DIA
(.236 DIA x 0.75SI)
x 0.75SI)
KNURLED NUT U826
Nickel plated brass
(.354 DIA)
(.354 DIA)
(.106)
(.106)
9.00 DIA
9.00 DIA
2.70
2.70
6.00 DIA
6.00 DIA x 0.75 SI
x 0.75 SI
(.236 DIA
(.236 DIA x 0.75SI)
x 0.75SI)
KNURLED CAP NUT Brass
Chrome pl. U461 Matte black U502
(.472 DIA)
(.472 DIA)
(.102)
(.102)
12.00 DIA
12.00 DIA
2.60
2.60
6.00 DIA
6.00 DIA x 0.75 SI
x 0.75 SI
(.236 DIA
(.236 DIA x 0.75SI)
x 0.75SI)
KNURLED CAP NUT Brass
Chrome plated U232
KNURLED NUT 10-960-5
16mm (.629") Nickel plated brass
(.728 DIA)
(.728 DIA)
18.50 DIA
18.50 DIA
(.629 DIAx1.00 IS)
(.629 DIAx1.00 IS)
16.00 DIAx1.00 SI
16.00 DIAx1.00 SI
(.047 - 45 )
(.047 - 45 )
1.20 - 45
1.20 - 45


Similar Part No. - 23PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23PN005.5 ETC2-23PN005.5 Datasheet
87Kb / 2P
   NEMA 23 Planetary Gearhead
23PN010 ETC2-23PN010 Datasheet
87Kb / 2P
   NEMA 23 Planetary Gearhead
23PN028 ETC2-23PN028 Datasheet
88Kb / 2P
   NEMA 23 Planetary Gearhead
23PN070 ETC2-23PN070 Datasheet
88Kb / 2P
   NEMA 23 Planetary Gearhead
23PN100 ETC2-23PN100 Datasheet
88Kb / 2P
   NEMA 23 Planetary Gearhead
More results

Similar Description - 23PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
C&K Components
801805000 CK-COMPONENTS-801805000 Datasheet
1Mb / 24P
   Miscellaneous Components, Hardware & Technical Data
logo
List of Unclassifed Man...
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
   Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
   Accessories & Hardware
AT712 ETC2-AT712 Datasheet
3Mb / 33P
   Accessories Hardware
NTE435P6 ETC2-NTE435P6 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com