Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV160CBTC90G Datasheet(PDF) 2 Page - Macronix International

Part # MX29LV160CBTC90G
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160CBTC90G Datasheet(HTML) 2 Page - Macronix International

  MX29LV160CBTC90G Datasheet HTML 1Page - Macronix International MX29LV160CBTC90G Datasheet HTML 2Page - Macronix International MX29LV160CBTC90G Datasheet HTML 3Page - Macronix International MX29LV160CBTC90G Datasheet HTML 4Page - Macronix International MX29LV160CBTC90G Datasheet HTML 5Page - Macronix International MX29LV160CBTC90G Datasheet HTML 6Page - Macronix International MX29LV160CBTC90G Datasheet HTML 7Page - Macronix International MX29LV160CBTC90G Datasheet HTML 8Page - Macronix International MX29LV160CBTC90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
P/N:PM1300
REV. 2.6, DEC. 22, 2011
MX29LV400C T/B
MX29LV800C T/B
MX29LV160C T/B
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
FEATURES
GENERAL FEATURES
• Byte/Word mode switchable:
- 524,288 x8 / 262,144 x16 (MX29LV400C)
- 1,048,576 x8 / 524,288 x16 (MX29LV800C)
- 2,097,152 x8 / 1,048,576 x16 (MX29LV160C)
• Sector Structure
- 16K-Byte x 1, 8K-Byte x 2, 32K-Byte x 1
64K-Byte x 7 (MX29LV400C), 64K-Byte x 15 (MX29LV800C), 64K-Byte x 31 (MX29LV160C)
- Provides sector protect function to prevent program or erase operation in the protected sector
- Provides chip unprotect function to allow code changing
- Provides temporary sector unprotect function for code changing in previously protected sector
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 250mA from -1V to Vcc + 1V
• Low Vcc write inhibit : Vcc ≤ 1.4V
• Compatible with JEDEC standard
- Pinout and software compatible to single power supply Flash
Functional compatible with MX29LV400B/MX29LV800B/MX29LV160B device
PERFORMANCE
• High Performance
- Fast access time: 45R (MX29LV400C and MX29LV800C only), 55R/70/90ns
- Fast program time: 7us/word typical utilizing accelerate function
- Fast erase time: 0.7s/sector, 15s/chip (typical, MX29LV160C)
• Low Power Consumption
- Low active read current: 10mA (typical) at 5MHz
- Low standby current: 200nA (typical)
• Minimum 100,000 erase/program cycle
• 20 years data retention
SOFTWARE FEATURES
• Erase Suspend/ Erase Resume
- Suspends sector erase operation to read data from or program data to another sector which is not being
erased
• Status Reply
- Data# Polling & Toggle bits provide detection of program and erase operation completion
• Support Common Flash Interface (CFI)
HARDWARE FEATURES
• Ready/Busy# (RY/BY#) Output
- Provides a hardware method of detecting program and erase operation completion
• Hardware Reset (RESET#) Input
- Provides a hardware method to reset the internal state machine to read mode
The MX29LV160C T/B product family has been discontinued. The MX29LV160C T/B
product family is not recommended for new designs. The MX29LV160D T/B family is the
recommended replacement. Please refer to MX29LV160D T/B datasheet for full specifications
and ordering information, or contact your local sales representative for additional support.


Similar Part No. - MX29LV160CBTC90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CBTC-55Q MCNIX-MX29LV160CBTC-55Q Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CBTC-55R MCNIX-MX29LV160CBTC-55R Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CBTC-70 MCNIX-MX29LV160CBTC-70 Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CBTC-70G MCNIX-MX29LV160CBTC-70G Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CBTC-90 MCNIX-MX29LV160CBTC-90 Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160CBTC90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com