Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX68GL1G0FUXFI12G Datasheet(PDF) 7 Page - Macronix International

Part # MX68GL1G0FUXFI12G
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX68GL1G0FUXFI12G Datasheet(HTML) 7 Page - Macronix International

Back Button MX68GL1G0FUXFI12G Datasheet HTML 3Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 4Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 5Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 6Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 7Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 8Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 9Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 10Page - Macronix International MX68GL1G0FUXFI12G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
7
P/N:PM1727
REV. 1.3, OCT. 30, 2013
MX68GL1G0F
3. PIN DESCRIPTION
SYMBOL PIN NAME
A0~A25 Address Input
Q0~Q14 Data Inputs/Outputs
Q15/A-1 Q15(Word Mode)/LSB addr(Byte Mode)
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
RESET# Hardware Reset Pin, Active Low
WP#/ACC* Hardware Write Protect/Programming
Acceleration input
RY/BY# Ready/Busy Output
BYTE#
Selects 8 bits or 16 bits mode
VCC
+3.0V single power supply
GND
Device Ground
NC
Not Connected
VI/O
Power Supply for Input/Output
LOGIC SYMBOL
16 or 8
Q0-Q15
(A-1)
RY/BY#
A0-A25
CE#
OE#
WE#
RESET#
WP#/ACC
BYTE#
VI/O
26
Notes:
1. WP#/ACC has internal pull up.
2. VI/O voltage must tight with VCC for MX68GL1G0F H/L.


Similar Part No. - MX68GL1G0FUXFI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX68GL1G0FUXFI-12G MCNIX-MX68GL1G0FUXFI-12G Datasheet
1Mb / 71P
   DATASHEET
More results

Similar Description - MX68GL1G0FUXFI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com