Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX5312001024S128FLVDS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TX5312001024S128FLVDS
Description  Computer On Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX5312001024S128FLVDS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TX5312001024S128FLVDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 6Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 7Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 8Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TX53
STARTER-KIT V
The Starter-Kit V is a ready-to-use development
system for building applications based on the TX
embedded processor boards.
DIMM200 TX socket
Two SD-card sockets
USB 2.0 OTG and USB 2.0 Host connector
D-SUB 15 VGA connector
40pin LCD flat cable header
3.5mm headphone connector
JTAG interface
SGTL5000 audio codec
TSC2007 touchscreen controller
RS232 on 10pin flat cable and SUB-D
header
All pins of the TX socket are connected to
daughter board slot for easy application
design-in
10/100 Mbit/s Ethernet
5VDC Power Supply by USB-OTG or power
jack.
100mm x 160mm
Schematics of the base board are included
for reference.
DISPLAY OPTIONS
The optional display comes with an FFC cable and
a small adapter PCB which can be plugged directly
onto the Starter-Kit 40pin LCD header.
Option 1: 5,7“ VGA Resistive Touch
5,7 inch TFT display
640 x 480 dots
White LED backlight
Resistive Touchsceen
Option 2: 5,7“ VGA PolyTouch™
5,7 inch TFT display
640 x 480 dots
White LED backlight
Capacitive Touchsceen
Option 3: LVDS Display & SATA Adapter
Supports Freescale's 10.1” 1024x768 (XGA)
display with capacitive touch (not included)
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX5312001024S128FLVDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX531200 ETC2-TX531200 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
More results

Similar Description - TX5312001024S128FLVDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX2540064S128FI ETC2-TX2540064S128FI Datasheet
640Kb / 10P
   Computer On Module
TX48720256S128FI ETC2-TX48720256S128FI Datasheet
603Kb / 1P
   Computer On Module
logo
GSR Technology Ltd
KU968 GSR-KU968 Datasheet
402Kb / 2P
   Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
   Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
   Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
   Computer on Modules
Rev 0; 11/12
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
   Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
   Computer-on-Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com