Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX5312001024S128FLVDS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TX5312001024S128FLVDS
Description  Computer On Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX5312001024S128FLVDS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TX5312001024S128FLVDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 6Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 7Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 8Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 9Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 10Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 11Page - List of Unclassifed Manufacturers TX5312001024S128FLVDS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TX53
PIN
Type
Function
i.MX53 Pad Name
Alternate functions
GPIO
Description (refer to i.MX53 manuals for details)
78
3V3
KP_ROW[1]
GPIO_5
ESAI1_TX2_RX3
KPP_ROW[7]
CCM_CLKO
CSU_ALARM_AUT[2]
OBSRV_INT_OUT4
I2C3_SCL
CCM_PLL1_BYP
GPIO1[5]
79
3V3
KP_ROW[2]
KEY_ROW2
KPP_ROW[2]
CAN1_RXCAN
32K_256K_CTI_TRIGOUT7
FEC_MDC
ECSPI1_SS2
FEC_TDATA[2]
USBPHY1_RXERROR
GPIO4[11]
80
3V3
KP_ROW[3]
KEY_ROW3
KPP_ROW[3]
USBOH3_H2_DM
CCM_ASRC_EXT_CLK
I2C2_SDA
OSC32K_32K_OUT
CCM_PLL4_BYP
USBPHY1_LINESTATE[0]
GPIO4[13]
81
3V3
RXCAN
KEY_ROW4
KPP_ROW[4]
CAN2_RXCAN
SISG[5]
UART5_CTS
USBOH3_USBOTG_PWR
USBPHY1_VBUSVALID
GPIO4[15]
82
GND
GND
SSI 1 - Serial Audio Port 1
83
3V3
SSI1_INT
EIM_D26
WEIM_D[26]
UART2_TXD
FIRI_RXD
CSI0_D[1]
DI1_PIN11
SISG[2]
DISP1_DAT[22]
GPIO3[26] GPIO
84
3V3
SSI1_RXD
KEY_ROW1
KPP_ROW[1]
AUD5_RXD
32K_256K_CTI_TRIGOUT_ACK7
UART5_RXD
ECSPI1_SS0
FEC_COL
USBPHY1_RXVALID
GPIO4[9]
Serial Audio Interface serial data line 1
85
3V3
SSI1_TXD
KEY_ROW0
KPP_ROW[0]
AUD5_TXD
32K_256K_CTI_TRIGIN_ACK7
UART4_RXD
ECSPI1_MOSI
FEC_TX_ER
GPIO4[7]
Serial Audio Interface serial data line 0
86
3V3
SSI1_CLK
KEY_COL0
KPP_COL[0]
AUD5_TXC
32K_256K_CTI_TRIGIN7
UART4_TXD
ECSPI1_SCLK
FEC_RDATA[3]
ANY_PU_RST
GPIO4[6]
Serial Audio Interface serial bit clock
87
3V3
SSI1_FS
KEY_COL1
KPP_COL[1]
AUD5_TXFS
32K_256K_CTI_TRIGOUT_ACK6
UART5_TXD
ECSPI1_MISO
FEC_RX_CLK
USBPHY1_TXREADY
GPIO4[8]
Serial Audio Interface left/right clock
88
GND
GND
SSI 2 - Serial Audio Port 2
89
3V3
SSI2_INT
EIM_D27
WEIM_D[27]
UART2_RXD
FIRI_TXD
CSI0_D[0]
DI1_PIN13
SISG[3]
DISP1_DAT[23]
GPIO3[27]
GPIO
90
3V3
SSI2_RXD
CSI0_DAT7
CSI0_D[7]
KPP_ROW[6]
ECSPI1_SS0
USBOH3_USBH3_DIR
AUD3_RXD
GPIO5[25] Serial Audio Interface serial data line 1
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX5312001024S128FLVDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX531200 ETC2-TX531200 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
More results

Similar Description - TX5312001024S128FLVDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX2540064S128FI ETC2-TX2540064S128FI Datasheet
640Kb / 10P
   Computer On Module
TX48720256S128FI ETC2-TX48720256S128FI Datasheet
603Kb / 1P
   Computer On Module
logo
GSR Technology Ltd
KU968 GSR-KU968 Datasheet
402Kb / 2P
   Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
   Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
   Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
   Computer on Modules
Rev 0; 11/12
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
   Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
   Computer-on-Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com