Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKI06186 Datasheet(PDF) 3 Page - Sanken electric

Part # DKI06186
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DKI06186 Datasheet(HTML) 3 Page - Sanken electric

  DKI06186 Datasheet HTML 1Page - Sanken electric DKI06186 Datasheet HTML 2Page - Sanken electric DKI06186 Datasheet HTML 3Page - Sanken electric DKI06186 Datasheet HTML 4Page - Sanken electric DKI06186 Datasheet HTML 5Page - Sanken electric DKI06186 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DKI06186
DKI06186-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
3
Jan. 24, 2014
Test Circuits and Waveforms
VDD
ID
VDS
RG
VGS
0 V
L
IAS
ID
V(BR)DSS
VDD
VDS
(a) Test Circuit
(b) Waveform
Figure 1 Unclamped Inductive Switching
VDS
VDD
RG
RL
VGS
0 V
P.W. = 10 μs
Duty cycle ≤ 1 %
td(on) tr
ton
td(off) tf
toff
90%
10%
90%
10%
VGS
VDS
(a) Test Circuit
(b) Waveform
Figure 2 Switching Time
VGS
0 V
IF
RG
L
D.U.T.
VDD
0 V
IF
trr
di/dt
IRM × 90 %
IRM
(a) Test Circuit
(b) Waveform
Figure 3 Diode Reverse Recovery Time
DD
(BR)DSS
(BR)DSS
2
AS
AS
V
V
V
I
L
2
1
E


Similar Part No. - DKI06186

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DKI06186 ISC-DKI06186 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
DKI06186 DOINGTER-DKI06186 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Sanken electric
DKI06186 SANKEN-DKI06186_15 Datasheet
688Kb / 8P
   N ch Trench Power MOSFET
More results

Similar Description - DKI06186

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com