Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6T2 Datasheet(PDF) 1 Page - Rohm

Part # VT6T2
Description  General purpose transister (isolated dual transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6T2 Datasheet(HTML) 1 Page - Rohm

  VT6T2_13 Datasheet HTML 1Page - Rohm VT6T2_13 Datasheet HTML 2Page - Rohm VT6T2_13 Datasheet HTML 3Page - Rohm VT6T2_13 Datasheet HTML 4Page - Rohm VT6T2_13 Datasheet HTML 5Page - Rohm VT6T2_13 Datasheet HTML 6Page - Rohm VT6T2_13 Datasheet HTML 7Page - Rohm VT6T2_13 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VT6T2 / EMT52
General purpose transister (isolated dual transistors)
Datasheet
l
lOutline
Parameter
Tr1 and Tr2
VMT6
EMT6
VCEO
-50V
 
 
 
 
IC
-100mA
 
 
VT6T2
EMT52
(SC-107C)
                                           
l
lFeatures
l
lInner circuit
1) General Purpose.
2) Two 2SAR523 chips in one package.
3) Transister elements are independent, eliminating
interface.
4) Mounting cost and area can be cut in half.
5) Lead Free/RoHS Compliant.
l
lApplication
Switching, LED driver
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
VT6T2
VMT6
1212
T2R
180
8
8000
T2
EMT52
EMT6
1616
T2R
180
8
8000
T52
 
 
 
 
 
 
 
 
                                                                                         
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
1/7
20130905 - Rev.002


Similar Part No. - VT6T2_13

ManufacturerPart #DatasheetDescription
logo
Rohm
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
More results

Similar Description - VT6T2_13

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT51T2R ROHM-EMT51T2R Datasheet
1Mb / 8P
   General purpose transister (isolated dual transistors)
EMZ52 ROHM-EMZ52 Datasheet
1Mb / 10P
   General Purpose Transister (dual transistors)
EMZ51 ROHM-EMZ51 Datasheet
1Mb / 10P
   General Purpose Transister (dual transistors)
logo
New Jersey Semi-Conduct...
2N3734 NJSEMI-2N3734 Datasheet
180Kb / 2P
   GENERAL PURPOSE TRANSISTER
logo
Rohm
IMT1AT110 ROHM-IMT1AT110 Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMX25 ROHM-IMX25 Datasheet
89Kb / 5P
   General purpose transistor (isolated dual transistors)
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
   General purpose transistor (isolated dual transistors)
IMX9T110 ROHM-IMX9T110 Datasheet
52Kb / 4P
   General purpose transistor (isolated dual transistors)
EMT1T2R ROHM-EMT1T2R Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMT17 ROHM-IMT17 Datasheet
121Kb / 3P
   General purpose transistor (isolated dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com