Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV400CTMI55Q Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV400CTMI55Q
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CTMI55Q Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV400CTMI55Q Datasheet HTML 5Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 6Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 7Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 8Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 9Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 10Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 11Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 12Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
9
P/N:PM1300
REV. 2.6, DEC. 22, 2011
MX29LV400C T/B
MX29LV800C T/B
MX29LV160C T/B
MX29LV160C PIN CONFIGURATIONS
PIN DESCRIPTION
MX29LV160C 48 TSOP (Standard Type) (12mm x 20mm)
MX29LV160C 44 SOP(500 mil)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
RESET#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE#
GND
OE#
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
WE#
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
RESET#
NC
NC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SYMBOL PIN NAME
A0~A19
Address Input
Q0~Q14 Data Input/Output
Q15/A-1
Q15(Word mode)/LSB addr(Byte mode)
CE#
Chip Enable Input
WE#
Write Enable Input
BYTE#
Word/Byte Selection input
RESET# Hardware Reset Pin/Sector Protect
Unlock
OE#
Output Enable Input
RY/BY#
Ready/Busy Output
VCC
Power Supply Pin (2.7V~3.6V)
GND
Ground Pin


Similar Part No. - MX29LV400CTMI55Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CTMI-55Q MCNIX-MX29LV400CTMI-55Q Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-55R MCNIX-MX29LV400CTMI-55R Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-70 MCNIX-MX29LV400CTMI-70 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-70G MCNIX-MX29LV400CTMI-70G Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-90 MCNIX-MX29LV400CTMI-90 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CTMI55Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com