Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5171 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5171 Datasheet HTML 4Page - Analog Devices AD5171 Datasheet HTML 5Page - Analog Devices AD5171 Datasheet HTML 6Page - Analog Devices AD5171 Datasheet HTML 7Page - Analog Devices AD5171 Datasheet HTML 8Page - Analog Devices AD5171 Datasheet HTML 9Page - Analog Devices AD5171 Datasheet HTML 10Page - Analog Devices AD5171 Datasheet HTML 11Page - Analog Devices AD5171 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5171
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
32
24
816
0
4048
5664
CODE (DECIMAL)
–40°C
+25°C
+125°C
VDD = 5V
Figure 5. R-INL vs. Code vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
32
24
816
0
40485664
CODE (DECIMAL)
–40°C
+25°C
+125°C
VDD = 5V
Figure 6. R-DNL vs. Code vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
32
24
816
0
40485664
CODE (DECIMAL)
–40°C
+25°C
+125°C
VDD = 5V
Figure 7. INL vs. Code vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
32
24
816
0
40485664
CODE (DECIMAL)
–40°C
+25°C
+125°C
VDD = 5V
Figure 8. DNL vs. Code vs. Temperature
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5V
VDD = 3V
Figure 9. Full-Scale Error (FSE) vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5V
VDD = 3V
Figure 10. Zero-Scale Error (ZSE) vs. Temperature


Similar Part No. - AD5171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171BRJ10-RL7 AD-AD5171BRJ10-RL7 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171BRJ100-R2 AD-AD5171BRJ100-R2 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171BRJ100-REEL7 AD-AD5171BRJ100-REEL7 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
More results

Similar Description - AD5171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com