Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5171BRJ5-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5171BRJ5-RL7
Description  64-Position OTP Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ5-RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD5171BRJ5-RL7 Datasheet HTML 1Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 2Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 3Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 4Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 5Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 6Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 7Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 8Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
64-Position OTP Digital Potentiometer
AD5171
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2008 Analog Devices, Inc. All rights reserved.
FEATURES
64 position
One-time programmable (OTP) set-and-forget resistance
setting—low cost alternative over EEMEM
Unlimited adjustments prior to OTP activation
5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ end-to-end resistance
Low temperature coefficient: 5 ppm/°C in potentiometer mode
Low temperature coefficient: 35 ppm/°C in rheostat mode
Compact standard 8-lead SOT-23 package
Low power: IDD = 10 μA maximum
Fast settling time: tS = 5 μs typical in power-up
I2C-compatible digital interface
Computer software replaces microcontroller in factory
programming applications
Full read/write of wiper register
Extra I2C device address pin
Low operating voltage: 2.7 V to 5.5 V
OTP validation check function
Automotive temperature range: −40°C to +125°C
APPLICATIONS
System calibrations
Electronics level settings
Mechanical trimmers and potentiometer replacements
Automotive electronics adjustments
Gain control and offset adjustments
Transducer circuit adjustments
Programmable filters up to 1.5 MHz BW1
GENERAL DESCRIPTION
The AD5171 is a 64-position, one-time programmable (OTP)
digital potentiometer2 that uses fuse link technology to achieve
the memory retention of the resistance setting function. OTP is
a cost-effective alternative over the EEMEM approach for users
who do not need to reprogram new memory settings in the
digital potentiometer. This device performs the same electronic
adjustment function as most mechanical trimmers and variable
resistors. The AD5171 is programmed using a 2-wire, I2C®-
compatible digital control. It allows unlimited adjustments
before permanently setting the resistance value. During the
OTP activation, a permanent fuse blown command is sent after the
final value is determined, freezing the wiper position at a given
setting (analogous to placing epoxy on a mechanical trimmer).
FUNCTIONAL BLOCK DIAGRAM
GND
A
W
B
VDD
AD0
SDA
SCL
AD5171
WIPER
REGISTER
I2C INTERFACE
AND
CONTROL LOGIC
FUSE
LINK
Figure 1.
W 1
VDD 2
GND 3
SCL 4
A
8
B
7
AD0
6
SDA
5
AD5171
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
When this permanent setting is achieved, the value does not
change regardless of supply variations or environmental stresses
under normal operating conditions. To verify the success of
permanent programming, Analog Devices, Inc., patterned the
OTP validation such that the fuse status can be discerned from
two validation bits in read mode.
For applications that program the AD5171 in factories, Analog
Devices offers device programming software that operates
across Windows® 95 to XP platforms, including Windows NT.
This software application effectively replaces the need for external
I2C controllers or host processors and, therefore, significantly
reduces the development time of the users.
An AD5171 evaluation kit includes the software, connector, and
cable that can be converted for factory programming applications.
The AD5171 is available in a compact 8-lead SOT-23 package.
All parts are guaranteed to operate over the automotive temper-
ature range of −40°C to +125°C. Besides its unique OTP feature,
the AD5171 lends itself well to other general-purpose digital
potentiometer applications due to its temperature performance,
small form factor, and low cost.
1 Applies to 5 kΩ parts only.
2 The terms digital potentiometer and RDAC are used interchangeably.


Similar Part No. - AD5171BRJ5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171BRJ5-RL7 AD-AD5171BRJ5-RL7 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
More results

Similar Description - AD5171BRJ5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com