Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMDZ5251B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMDZ5251B
Description  SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ5251B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMDZ5251B Datasheet HTML 1Page - Central Semiconductor Corp CMDZ5251B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R2
127
ELECTRICAL CHARACTERISTICS: (TA=25
oC), VF=0.9V MAX @ IF=10mA FOR ALL TYPES.
All dimensions in inches (mm).
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDENCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER VOLTAGE
TEMPERATURE
COEFFICIENT
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
µµµµµA
TYPE
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
%/°C
CMDZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
CMDZ5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
CMDZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
CMDZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
CMDZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
CMDZ5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
CMDZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
CMDZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
CMDZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
CMDZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
CMDZ5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
CMDZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
CMDZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
CMDZ5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
CMDZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
CMDZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
CMDZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
CMDZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
CMDZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
R1


Similar Part No. - CMDZ5251B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5251B CENTRAL-CMDZ5251B Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5251B CENTRAL-CMDZ5251B Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMDZ5251B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com