Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7091RBRMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7091RBRMZ
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091RBRMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7091RBRMZ Datasheet HTML 4Page - Analog Devices AD7091RBRMZ Datasheet HTML 5Page - Analog Devices AD7091RBRMZ Datasheet HTML 6Page - Analog Devices AD7091RBRMZ Datasheet HTML 7Page - Analog Devices AD7091RBRMZ Datasheet HTML 8Page - Analog Devices AD7091RBRMZ Datasheet HTML 9Page - Analog Devices AD7091RBRMZ Datasheet HTML 10Page - Analog Devices AD7091RBRMZ Datasheet HTML 11Page - Analog Devices AD7091RBRMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7091R
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Typical Dynamic Performance
Figure 6. Typical INL Performance
Figure 7. Typical DNL Performance
Figure 8. SNR vs. Analog Input Frequency
for Various Supply Voltages
Figure 9. THD vs. Analog Input Frequency
for Various Supply Voltages
Figure 10. THD vs. Source Impedance
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
VDD = 2.7V
VDRIVE = 3.3V
TA = 25°C
fIN = 10kHz
fSAMPLE = 1 MSPS
SNR = 69.32dB
SINAD = 68.66dB
THD = –84.42dB
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = 2.7V
VDRIVE = 3.3V
TA = 25°C
fSAMPLE = 1 MSPS
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = 2.7V
VDRIVE = 3.3V
TA = 25°C
fSAMPLE = 1 MSPS
60
62
64
66
68
70
72
1
10
100
INPUT FREQUENCY (kHz)
TA = 25°C
2.7V
3.0V
5.0V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
INPUT FREQUENCY (kHz)
TA = 25°C
fSAMPLE = 1MSPS
2.7V
3.0V
5.0V
–85
–80
–75
–70
–65
–60
–55
–50
10
100
1k
10k
SOURCE IMPEDANCE (Ω)
TA = 25°C
VDD = 3V
fIN = 10kHz
fSAMPLE = 1MSPS


Similar Part No. - AD7091RBRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ-RL7 AD-AD7091RBRMZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

Similar Description - AD7091RBRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com