Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8028AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD8028AR
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8028AR Datasheet HTML 5Page - Analog Devices AD8028AR Datasheet HTML 6Page - Analog Devices AD8028AR Datasheet HTML 7Page - Analog Devices AD8028AR Datasheet HTML 8Page - Analog Devices AD8028AR Datasheet HTML 9Page - Analog Devices AD8028AR Datasheet HTML 10Page - Analog Devices AD8028AR Datasheet HTML 11Page - Analog Devices AD8028AR Datasheet HTML 12Page - Analog Devices AD8028AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8027/AD8028
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Default conditions: VS = 5 V at TA = 25°C, RL = 1 kΩ, unless otherwise noted.
FREQUENCY (MHz)
0.1
1
10
100
1000
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT = 200mV p-p
03327-A-003
AD8027
G = +1
AD8028
G = +1
G = +10
G = –1
G = +2
Figure 4. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
0.1
1
10
100
1000
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VOUT = 200mV p-p
VS = +5V
VS = ±5V
VS = +3V
VS = +3V RF = 24.9Ω
03327-A-004
Figure 5. AD8027 Small Signal Frequency Response for Various Supplies
100
FREQUENCY (MHz)
0.1
1
10
1000
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VOUT = 2V p-p
VS = +5V
VS = ±5V
VS = +3V
03327-A-005
Figure 6. Large Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
0.1
1
10
100
1000
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
G = +2
VOUT = 200mV p-p
VS = +5V
VS = ±5V
VS = +3V
03327-A-006
Figure 7. Small Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
0.1
1
10
100
1000
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VOUT = 200mV p-p
03327-A-007
VS = ±5V
VS = +5V
VS = +3V
Figure 8. AD8028 Small Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
0.1
1
10
100
1000
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
G = +2
VOUT = 2V p-p
VS = ±5V
VS = +3V
VS = +5V
03327-A-008
Figure 9. Large Signal Frequency Response for Various Supplies


Similar Part No. - AD8028AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8028AR AD-AD8028AR Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8028AR AD-AD8028AR Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028AR-REEL AD-AD8028AR-REEL Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8028AR-REEL AD-AD8028AR-REEL Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028AR-REEL7 AD-AD8028AR-REEL7 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
More results

Similar Description - AD8028AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com