Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV2C001ZP Datasheet(PDF) 3 Page - Rohm

Part # RV2C001ZP
Description  Pch -20V -100mA Small Signal MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RV2C001ZP Datasheet(HTML) 3 Page - Rohm

  RV2C001ZP Datasheet HTML 1Page - Rohm RV2C001ZP Datasheet HTML 2Page - Rohm RV2C001ZP Datasheet HTML 3Page - Rohm RV2C001ZP Datasheet HTML 4Page - Rohm RV2C001ZP Datasheet HTML 5Page - Rohm RV2C001ZP Datasheet HTML 6Page - Rohm RV2C001ZP Datasheet HTML 7Page - Rohm RV2C001ZP Datasheet HTML 8Page - Rohm RV2C001ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
RV2C001ZP
mA
mA
VGS = 0V, Is = -100mA
V
lBody diode electrical characteristics (Source-Drain)(T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Pulsed source current
ISM
*2
Continuous source current
IS
*1
-
Ta = 25°C
Forward voltage
VSD
*4
-
-
-1.2
RG = 10W
-
137
-
-
-
-400
-
-80
-
ns
Rise time
tr
*4
ID = -50mA
-
62
-
Turn - off delay time
td(off)
*4
RL = 200W
-
325
-
Fall time
tf
*4
Turn - on delay time
td(on)
*4
VDD ⋍ -10V, VGS = -4.5V
-
46
Reverse transfer capacitance
Crss
f = 1MHz
Input capacitance
Ciss
VGS = 0V
Output capacitance
Coss
VDS = -10V
-
4.0
Unit
Min.
Typ.
Max.
pF
-
-
15.0
-
-
1.5
-
lElectrical characteristics(T
a = 25°C)
Parameter
Symbol
Conditions
Values
3/10
2013.11 - Rev.A


Similar Part No. - RV2C001ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV2C002UN ROHM-RV2C002UN Datasheet
691Kb / 11P
   Nch 20V 180mA Small Signal MOSFET
More results

Similar Description - RV2C001ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RZM001P02 ROHM-RZM001P02 Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RV1C001ZP ROHM-RV1C001ZP Datasheet
701Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
RU1C001ZP ROHM-RU1C001ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RV3CA01ZP ROHM-RV3CA01ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RE1C001ZP ROHM-RE1C001ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RV3C001ZP ROHM-RV3C001ZP Datasheet
751Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
   -20V PchPch Small Signal MOSFET
20170706 - Rev.001
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
   Pch -20V -1.4A Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
   Pch -20V -2A Small Signal MOSFET
RW1C025ZP ROHM-RW1C025ZP Datasheet
2Mb / 13P
   Pch -20V -2.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com