Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS500HTQFD0L2 Datasheet(PDF) 5 Page - Rohm

Part # PS500HTQFD0L2
Description  Ultra low ohmic Metal plate / High power type Shunt Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PS500HTQFD0L2 Datasheet(HTML) 5 Page - Rohm

  PS500HTQFD0L2 Datasheet HTML 1Page - Rohm PS500HTQFD0L2 Datasheet HTML 2Page - Rohm PS500HTQFD0L2 Datasheet HTML 3Page - Rohm PS500HTQFD0L2 Datasheet HTML 4Page - Rohm PS500HTQFD0L2 Datasheet HTML 5Page - Rohm PS500HTQFD0L2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/5
Data Sheet
PSR Series
www.rohm.com
c
2014 ROHM Co., Ltd. All rights reserved.
2014.03 - Rev.A
Part Number Description
Tolerance
PSR
(Ultra low ohmic metal plate
/ High power type shunt
Resistors)
400 (1.0
×5.2 [3921])
500 (15
×7.75 [5931])
Code
00
4
S
PR
G
2%
J
5%
F
1%
Special part code
D
0.3m
Ω
E
0.4m
Ω
F
0.5m
Ω
H
1.0m
Ω
J
2.0m
Ω
L
3.0m
Ω
C
0.2m
Ω
Resistance
Tolerance
J
F,G
0L2
0.2
0L20
0L3
0.3
0L30
0L4
0.4
0L40
0L5
0.5
0L50
1L0
1.0
1L00
2L0
2.0
2L00
3L0
3.0
3L00
Embossed tape
(12mm Pitch)
HTQ
PSR500
2,000
Embossed tape
(8mm Pitch)
ITQ
PSR400
3,000
Part No.
Size (mm [inch])
Packaging Specifications code
Packaging
specifications
Basic ordering
unit (pcs)
IQ
TJ
Part No.
Resistance code, 3 or 4 digits.
Nominal Resistance
F,G
J
:
:
4 digits
3 digits
tolerance
Resistance
code
Tape Dimensions
5.7
±0.2
10.5
±0.2
WF
E
A0
B0
16.0
±0.2
PSR400
7.5
±0.1
1.75
±0.1
8.3
±0.2
15.6
±0.2
24.0
±0.2
PSR500
11.5.
±0.1
1.75
±0.1
φ1.5
+0.1
0
2.0
±0.1
2.3
±0.1
D0
P0
P1
P2
K
4.0
±0.1
8.0
±0.1
φ1.5
+0.1
0
2.0
±0.1
2.3
±0.1
4.0
±0.1
12.0
±0.1
PSR400
PSR500
Embossed Tape
(Unit : mm)
Part No.
Part No.
W
F
B0
A0
P1
P0 P2
φD0
E
K
Reel Dimensions
AB
C
D
φ13.00±0.20
PSR400
φ17.4±1.0
PSR500
φ330±2.00 φ100±1.00
(Unit : mm)
Part No.
φ25.4±1.0
ACCORDING TO EIAJ ET-7200A
A
B
D
C
label


Similar Part No. - PS500HTQFD0L2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS500-HRP AXIOMTEK-PS500-HRP Datasheet
124Kb / 1P
   Mini Redundant Power
PS500-XP2 AXIOMTEK-PS500-XP2 Datasheet
195Kb / 2P
   Power Supplies
PS500-XP2 AXIOMTEK-PS500-XP2_17 Datasheet
182Kb / 1P
   Power Supplies - PS/2 Type
logo
NEC
PS5001LR NEC-PS5001LR Datasheet
58Kb / 2P
   PHOTO IC INTERRUPTER
PS5003HC NEC-PS5003HC Datasheet
66Kb / 2P
   PHOTO IC INTERRUPTER
More results

Similar Description - PS500HTQFD0L2

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
   High power metal plate shunt resistors
2023.2 - Rev.001
PSR ROHM-PSR Datasheet
1Mb / 9P
   Ultra low ohmic metal plate
GMR ROHM-GMR_V01 Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
   High power low ohmic chip shunt resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
   Ultra low ohmic power chip resistors
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com