Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584T4D1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1584T4D1
Description  Barre d alimentation robuste
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1584T4D1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1584T4D1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1584T4D1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Barre d'alimentation robuste
Features
Built to meet the rugged requirements of commercial and industrial
use.
All metal housing - tough extruded aluminum case with a black powder
paint coated steel cover.
Heavy duty NEMA 5-15R receptacles.
Mounting feet (with keyhole slots) allow temporary work station
mounting if desired.
On-Off switch is rocker type with pilot light (on units with on-off switch -
listed below). A red pilot light is used to indicate power on (on units with
no switch).
Click here for our surge protected version.
Specifications
Heavy duty 14 gauge wire cord - 14/3 SJT type for extreme temperature
ranges and integral molded plug.
Plug types available are NEMA 5-15P straight blade or NEMA L5-15P
locking type (see table below).
Includes 15 amp, 125 volt resettable circuit breaker to prevent
accidental line overload.
CSA certified, Standards C22.2 (No. 21-95 and No. 42-99)
UL listed, Standard UL1363 - file # E166039
Accessoires
Illuminated
Illuminated
Overall Dimensions
Outlet
Outlet
Rotated
Cord
Plug
Plug
On/Off Switch
Light Only
Part No.
Part No.
Height Width Length
Qty
NEMA Type
Outlet
Length (ft)
Type
NEMA Type
1584H4A 1
1584T4A 1
2.33
2.12
10.18
4
5-15R
No
6
Straight
5-15P
1584H4A 1RA
1584T4A 1RA
2.33
2.13
13.36
4
5-15R
Yes
6
Straight
5-15P
1584H4B1
1584T4B1
2.33
2.12
10.18
4
5-15R
No
15
Straight
5-15P
1584H4B1RA
1584T4B1RA
2.33
2.13
13.36
4
5-15R
Yes
15
Straight
5-15P
1584H4C1
1584T4C1
2.33
2.12
10.18
4
5-15R
No
6
Locking
L5-15P
1584H4C1RA
1584T4C1RA
2.33
2.13
13.36
4
5-15R
Yes
6
Locking
L5-15P
1584H4D1
1584T4D1
2.33
2.12
10.18
4
5-15R
No
15
Locking
L5-15P
1584H4D1RA
1584T4D1RA
2.33
2.13
13.36
4
5-15R
Yes
15
Locking
L5-15P
1584H5A 1
1584T5A 1
2.33
2.12
13.36
5
5-15R
No
6
Straight
5-15P
1584H5B1
1584T5B1
2.33
2.12
13.36
5
5-15R
No
15
Straight
5-15P
1584H5C1
1584T5C1
2.33
2.12
13.36
5
5-15R
No
6
Locking
L5-15P
1584H5D1
1584T5D1
2.33
2.12
13.36
5
5-15R
No
15
Locking
L5-15P
1584H6A 1
1584T6A 1
2.33
2.12
13.36
6
5-15R
No
6
Straight
5-15P
1584H6A 1RA
1584T6A 1RA
2.33
2.13
16.51
6
5-15R
Yes
6
Straight
5-15P
1584H6B1
1584T6B1
2.33
2.12
13.36
6
5-15R
No
15
Straight
5-15P


Similar Part No. - 1584T4D1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584T4D1 HAMMOND-1584T4D1 Datasheet
143Kb / 1P
   Black Painted Steel
1584T4D1 HAMMOND-1584T4D1 Datasheet
143Kb / 1P
   Black Painted Steel
1584T4D1RA HAMMOND-1584T4D1RA Datasheet
201Kb / 1P
   Black Painted Steel
1584T4D1RA HAMMOND-1584T4D1RA Datasheet
201Kb / 1P
   Black Painted Steel
More results

Similar Description - 1584T4D1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1582 HAMMOND-1582 Datasheet
71Kb / 2P
   Barre d alimentation pour montage horizontal sur b창ti
1583 HAMMOND-1583 Datasheet
90Kb / 3P
   Barre d alimentation pour montage horizontal sur b창ti
1581C6 HAMMOND-1581C6 Datasheet
62Kb / 1P
   Cordons d alimentation pour accessoires
HDSSWJ HAMMOND-HDSSWJ Datasheet
75Kb / 1P
   Joint mural robuste
GRDBAR HAMMOND-GRDBAR Datasheet
68Kb / 2P
   Barre omnibus en cuivre
HDSSEC HAMMOND-HDSSEC Datasheet
89Kb / 1P
   Raccord pour armoire robuste
1584H HAMMOND-1584H Datasheet
77Kb / 2P
   Barres d alimentation de qualit챕 m챕dicale de 15 A
HDSSEL HAMMOND-HDSSEL Datasheet
70Kb / 1P
   Raccord coude robuste
HDSSSA HAMMOND-HDSSSA Datasheet
73Kb / 1P
   Adaptateur dinclinaison robuste
HDSSELC HAMMOND-HDSSELC Datasheet
95Kb / 1P
   Raccord coude robuste
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com