Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2115KP-80 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-2115KP-80
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2115KP-80 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-2115KP-80 Datasheet HTML 7Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 8Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 9Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 10Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 11Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 12Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 13Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 14Page - Analog Devices ADSP-2115KP-80 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ADSP-21xx
REV. B
–11–
ADSP-2101/ADSP-2103/ADSP-2111
When MMAP = 0, on-chip program memory RAM occupies
2K words beginning at address 0x0000. Off-chip program
memory uses the remaining 14K words beginning at address
0x0800. In this configuration–when MMAP = 0–the boot
loading sequence (described below in “Boot Memory Inter-
face”) is automatically initiated when RESET is released.
When MMAP = 1, 14K words of off-chip program memory
begin at address 0x0000 and on-chip program memory RAM is
located in the upper 2K words, beginning at address 0x3800. In
this configuration, program memory is not booted although it
can be written to and read under program control.
ADSP-2105/ADSP-2115
When MMAP = 0, on-chip program memory RAM occupies
1K words beginning at address 0x0000. Off-chip program
memory uses the remaining 14K words beginning at address
0x0800. In this configuration–when MMAP = 0–the boot
loading sequence (described below in “Boot Memory Inter-
face”) is automatically initiated when RESET is released.
When MMAP = 1, 14K words of off-chip program memory
begin at address 0x0000 and on-chip program memory RAM is
located in the 1K words between addresses 0x3800–0x3BFF. In
this configuration, program memory is not booted although it
can be written to and read under program control.
INTERNAL
RAM
LOADED FROM
EXTERNAL
BOOT MEMORY
EXTERNAL
0x07FF
0x0800
0x3FFF
0x0000
EXTERNAL
No Booting
0x37FF
0x3800
0x3FFF
0x0000
MMAP=0
MMAP=1
INTERNAL
RAM
2K
14K
2K
14K
Figure 6. ADSP-2101/ADSP-2103/ADSP-2111 Program
Memory Maps
Figure 8. ADSP-2105/ADSP-2115 Program Memory Maps
Figure 7. ADSP-2161/62 Program Memory Maps
Figure 9. ADSP-2163/64 Program Memory Maps
0x07FF
0x0800
0x1FF0
0x1FFF
0x2000
0x1FF0
0x1FFF
0x2000
MMAP=0
0x3FFF
0x0000
8K
EXTERNAL
8K
INTERNAL
ROM
0x0000
MMAP=1
0x3FFF
0x3800
0x37FF
2K
EXTERNAL
6K
INTERNAL
ROM
6K
EXTERNAL
2K
INTERNAL
ROM
RESERVED
RESERVED
INTERNAL RAM
LOADED FROM
EXTERNAL
BOOT MEMORY
EXTERNAL
0x03FF
0x0400
0x3FFF
0x0000
EXTERNAL
0x3BFF
0x3C00
0x3FFF
0x0000
MMAP=0
MMAP=1
No Booting
0x37FF
0x3800
0x07FF
0x0800
RESERVED
1K
14K
14K
1K
INTERNAL RAM
1K
1K
RESERVED
4K
INTERNAL
ROM
12K
EXTERNAL
0x3FFF
0x0000
2K
EXTERNAL
0x3FFF
0x0000
MMAP=0
MMAP=1
0x37FF
0x3800
2K
INTERNAL
ROM
2K
INTERNAL
ROM
10K
EXTERNAL
0x07FF
0x0800
0x0FF0
0x0FFF
0x1000
0x0FF0
RESERVED
RESERVED
0x0FFF
0x1000


Similar Part No. - ADSP-2115KP-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2115KP-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com