Selected language     English  ▼


H-65P-3 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. H-65P-3
Description  TRIMPOT® POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TRIMPOT
® POTENTIOMETER
PANEL MOUNTING OPTIONS
AND HARDWARE
Many Trimpot® Potentiometers are
available for panel mount application.
This product option provides for
maximum design flexibility.
To order Trimpot® Potentiometers with
panel mount hardware attached by the
factory, simply add an “M” or “Z”
suffix to the Bourns part number per
Table I.
Example:
3006P-1-100Z
To order military Trimpot® Potentiometers
with panel mount hardware attached by
the factory, order the military part
number and add “with panel mount
attached.”
Example:
RT12C2PRC, with panel mount
attached.
To order panel mounting accessories for
customer installation, simply use the part
number per Table II.
Example:
H83P
NOTE: For complete product specifica-
tions, see data sheet for the trimmer
model.
Torque - Apply maximum 8 in. lbs. on
mounting nut when mounted on panel.
6.76 ± .38
(.266 ± .015)
HEX NUT AND
LOCKWASHER
10.31
(.406)
7.95
(.313)
33.35
(1.31)
6.35
(.25)
1.52 TO 3.30
(.06 TO .13)
BUSHING
10-32
NF-2 THD
5.94
(.234)
ADJ. SLOT
2.54
(.100)
.635
(.020)
.762
(.030)
MAX.
LONG
WIDE
DEEP
Models 3005/3006/3009
3.81
(.150)
20.32
(.80)
6.35
(.25)
#10-32 UNF-2A THD.
2.54
(.100)
7.92
(.312)
PANEL
MAX.
3.30
(0.13)
ADJ. SLOT
2.54
(.100 )
.508
(.020)
.762
(.030)
LONG
WIDE
DEEP
Models RT12/RJ12, 3057/3059
Factory Installed Panel Mount
NOTES:
1. PROVIDED WITH LOCKWASHER AND MOUNTING
NUT.
2. RECOMMEND PANEL HOLES. #10 DRILL
.194
(.008)
NOTES:
1. PROVIDED WITH LOCKWASHER AND MOUNTING
NUT.
2. RECOMMEND PANEL HOLE SIZE #7 DRILL
.200
(.008)




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl