Selected language     English  ā–¼


H-65P-1 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part No. H-65P-1
Description  TRIMPOTĀ® POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 4 page
background image
H-114P/115P/116P Panel Mount
3/8 Inch Square Multiturn Models
Notes:
1. Provided with lockwasher and
mounting nut.
2. Drawings shown with trimmer. Order
part separately.
H-117P Panel Mount
3/8 Inch Square Multiturn Models
Notes:
1. Provided with lockwasher and
mounting nut.
2. Drawings shown with trimmer. Order
part separately.
Speciļ¬cations are subject to change without notice.
Customers should verify actual device performance in their speciļ¬c applications
Customer Installed Panel Mount
6.10
(.240)
3.05
(.120)
BUSHING
10-32 UNF-2A
THD.
OPT. BEND
DOWN ANTI-
ROTATION TAB
6.35
(.250)
10.92
(.430)
(H-114P)
11.68
(.460)
7.37
(.290)
PANEL LAYOUT
11.43
(.450)
(H-115P)
(H-116P)
ADJ. SLOT
.243
(.010)
.064
(.003)
.064
(.003)
LONG
WIDE
DEEP
8.179
(.322)
(H-115P)
(H-116P)
8.255
(.325)
(H-114P)
PANEL
MAX.
3.30
(0.13)
= 7 DRILL
5.08
(.200)
OPTIONAL FOR
ANTI-ROTATION NUB
.132
(.005)
6.86
(.270)
4.06
(.160)
BUSHING
10-32 UNF-2A
THD.
6.10
(.240)
8.76 Ā± .38
(.345 Ā± .015)
11.68
(.460)
7.62
(.300)
PANEL LAYOUT
11.68
(.460)
ADJ. SLOT
2.44
(.096)
.635
(.025)
.635
(.025)
DIA.
WIDE
DEEP
2.54
(.100)
REF.
2.54
(.100)
REF.
5.72
(.225)
REF.
DIA.
5.08
(.200)
OPTIONAL FOR
ANTI-ROTATION LUG
1.32
(.052)
TABLE I
FACTORY INSTALLED
PANEL MOUNTS
P/N WITH
STANDARD P/N
PANEL MOUNT
3005P-1-(RC)
3005P-1-(RC) Z
3006P,Y, or W-1-(RC) 3006P,Y, or W-1-(RC) Z
3009P or Y-1-(RC)
3009P or Y-1-(RC) Z
3057L,J,P, or Y-1-(RC) 3057L,J,P, or Y-1-(RC) M
3059L,J,P, or Y-1-(RC) 3059L,J,P, or Y-1-(RC) M
3250L or W-1-(RC)
3250L or W-1-(RC) M
3252L or W-1-(RC)
3252L or W-1-(RC) M
3290 H or W-1-(RC)
3290H or W-1-(RC) M
3292L,W, or X-1-(RC) 3292L,W, or X-1-(RC) M
3296W or X-1-(RC)
3296W or X-1-(RC) M
TABLE II
RETRO-FIT PANEL MOUNTS FOR
INSTALLATION BY CUSTOMER
ORDER PANEL MOUNT
STANDARD P/N
P/N
3005P-1-(RC)
H-83P
3006P,Y, or W-1-(RC) H-83P
3057L,J,P, or Y-1-(RC) H-58P* SCREW ASSY.
3059L,J,P, or Y-1-(RC) H-58P* SCREW ASSY.
3250L, W, X-(RC)
H-65P-1*
3252L or W-1-(RC)
H-65P-3*
3252X-1-(RC)
H-65P-5*
3290 H or W-1-(RC)
H-114P*
3292L-1-(RC)
H-115P*
3292W OR X-1-(RC)
H-116P*
RT12P,Y,L
H-58P* SCREW ASSY.
RJ12P,Y
H-58P* SCREW ASSY.
RT22L,W, X,
RTR22L,W, X
H-65P-1*
RJ22L,W
H-65P-3*
RJ22X
H-65P-5*
RT24W /
RTR24W OR X
H-114P*
RJR24W OR X
H-117P*
*Specify H-82 if panel seal is required.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl