Selected language     English  â–¼


H-65P-5 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part No. H-65P-5
Description  TRIMPOT® POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
H-65P Panel Mount
1/2 Inch Square
Multiturn Models
H-83P Panel Mount
Adapter for Models 3005 AND 3006
The H-83P Adapter is used with Models
3005 and 3006. Order separately and
simply snap fit the trimmer in the plastic
case. The H-83P with lock-washer and
mounting nut is available in 50-piece
lots.
H-58P Panel Mount
1-1/4 Inch Rectangular
Multiturn Modules
10.0
(.394)
HEX NUT AND
LOCKWASHER
10.31
(.406)
MAX.
7.95
(.313)
33.35
(1.31)
6.35
(.250)
TO
BUSHING
10-32
NF-2 THD
5.94
(.234)
7.62
(.300)
4.06
(.160)
BUSHING
10-32 UNF-2A
THD.
OPT. BEND
DOWN ANTI-
ROTATION TAB
6.35
(.250)
13.97
(.550)
11.43
(.450)
14.99
(.590)
10.16
(.400)
PANEL LAYOUT
22.10
(.870)
7.62
(.300)
5/16-32
UNEF
THREAD
5.54
(.218)
9.53
(.375)
9.53
(.375)
ADJ. SHAFT
RECESSED 5/16
ADJ. SLOT
.243
(.010)
.064
(.003)
.064
(.003)
LONG
WIDE
DEEP
1.52
(.060)
3.30
(.130)
PANEL
MAX.
3.30
(0.13)
ADJ. SLOT
2.54
(.100)
.635
(.250)
.762
(.030 )
LONG
WIDE
DEEP
= 7 DRILL
.200
(.008)
OPTIONAL FOR
ANTI-ROTATION NUB
.132
(.005)
SEE TABLE II FOR PANEL MOUNT PART NUMBER
Customer Installed Panel Mount - Unsealed
NOTES:
1. PROVIDED WITH LOCKWASHER AND MOUNTING
NUT.
2. RECOMMEND PANEL HOLES. #10 DRILL
.194
(.008)
NOTES:
1. PROVIDED WITH LOCKWASHER AND MOUNTING
NUT.
2. DRAWINGS SHOWN WITH TRIMMER. ORDER PART
SEPARATELY
NOTES:
1. DRAWINGS SHOWN WITH TRIMMER. ORDER PART
SEPARATELY
*SPECIFY H82 IF PANEL SEAL IS REQUIRED.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl