Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9G1212F101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9G1212F101
Description  AC Fan 120 9AD type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9G1212F101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9G1212F101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9G1212F101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9G1212F101 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9G1212F101 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
157
119
±0.8
104.8
±0.3
+30
300
0
(10)
38
±0.5
(5)
(5)
4-
φ4.3±0.3
リード線
AWG24
UL1007
取付用穴
回転方向
風吹出方向
Specifications The following nos. have pulse sensors and ribs. For ribless, append "1" to the model no.
DimensionsUnit : mm
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min]
[CFM][Pa][inchH²O][dB(A)][℃]
[h]
9G1212G101
12
10.2 to 13.8
0.98
11.76
3,600
3.88
137
135
0.542
49
20 to 70
40,000
9G1212E101
0.61
7.32
3,100
3.34
118
100
0.402
46
9G1212H101
7 to 13.8
0.38
4.56
2,600
2.80
99
70.4
0.283
39
9G1212F101
0.28
3.36
2,280
2.45
87
54.2
0.218
36
9G1212M101
0.21
2.52
1,950
2.10
74
39.6
0.159
32
9G1224G101
24
20.4 to 27.6
0.50
12
3,600
3.88
137
135
0.542
49
9G1224E101
0.34
8.16
3,100
3.34
118
100
0.402
46
9G1224H101
14 to 27.6
0.22
5.28
2,600
2.80
99
70.4
0.283
39
9G1224F101
0.16
3.84
2,280
2.45
87
54.2
0.218
36
9G1224M101
0.11
2.64
1,950
2.10
74
39.6
0.159
32
9G1248G101
48
40.8 to 55.2
0.25
12
3,600
3.88
137
135
0.542
49
9G1248E101
0.17
8.16
3,100
3.34
118
100
0.402
46
9G1248H101
0.11
5.28
2,600
2.80
99
70.4
0.283
39
9G1248F101
0.09
4.32
2,280
2.45
87
54.2
0.218
36
9G1248M101
0.07
3.36
1,950
2.10
74
39.6
0.159
32
120×120×38mm
Mass330g
San Ace 120
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specificationsL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………
red
black or blue Sensor yellow
Storage Temperature …−30to 70℃(Non-condensing
DC Fan
G type
25mm thick (S type), 25mm thick (GV type)
25mm thick (G type), 38mm thick (HV type)
38mm thick (GV type), 38mm thick (G type)
38mm thick (SG type)
Rotating Direction
Lead Wire
120mmsq.
Mounting Hole
Air Flow Direction
With ribs
Available options: Without Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor
Low speed Sensor
PWM Control


Similar Part No. - 9G1212F101

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9G1212F401 SANYODENKI-9G1212F401 Datasheet
341Kb / 4P
   San Ace 120 9G type
More results

Similar Description - 9G1212F101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9TM48P4H01 ETC2-9TM48P4H01 Datasheet
182Kb / 2P
   AC Fan 120 9AD type
9HV1248P1G001 ETC2-9HV1248P1G001 Datasheet
165Kb / 2P
   AC Fan 120 9AD type
9GV1512H501 ETC2-9GV1512H501 Datasheet
114Kb / 2P
   AC Fan 120 9AD type
9LB1212H101 ETC2-9LB1212H101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9WB1412S501 ETC2-9WB1412S501 Datasheet
111Kb / 2P
   AC Fan 120 9AD type
9LB1412S501 ETC2-9LB1412S501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
logo
SANYO DENKI CO., LTD.
9AD0901H12 SANYODENKI-9AD0901H12 Datasheet
226Kb / 4P
   ACDC Fan 92횞92횞38 mm San Ace 92AD 9AD type
9AD1201H12 SANYODENKI-9AD1201H12 Datasheet
199Kb / 4P
   ACDC Fan 120횞120횞38 mm San Ace 120AD 9AD type
logo
NTE Electronics
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
logo
SANYO DENKI CO., LTD.
109S075UL SANYODENKI-109S075UL Datasheet
192Kb / 5P
   AC Fan 120횞120횞38 mm San Ace 120
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com