Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9G1224F101 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9G1224F101
Description  AC Fan 120 9AD type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9G1224F101 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9G1224F101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9G1224F101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9G1224F101 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9G1224F101 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
160
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
90
80
70
60
50
40
30
20
10
0
(Pa)
(inch H2O)
1234
0 20 40 60 80 100 120 140(CFM)
(m3/min)
48V
55.2V
40.8V
→ 風量
9G1248H101
12V/24V
13.8V/27.6V
7V/14V
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
90
80
70
60
50
40
30
20
10
0
(Pa)
(inch H2O)
1234
0 20 40 60 80 100 120 140(CFM)
(m3/min)
→ 風量
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
90
80
70
60
50
40
30
20
10
0
(Pa)
(inch H2O)
1234
0 20 40 60 80 100 120 140(CFM)
(m3/min)
48V
55.2V
40.8V
→ 風量
9G1248F101
9G1212F101
9G1224F101
H speed
F speed
F speed
Air Flow
Air Flow
Air Flow


Similar Part No. - 9G1224F101

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9G1224F401 SANYODENKI-9G1224F401 Datasheet
341Kb / 4P
   San Ace 120 9G type
More results

Similar Description - 9G1224F101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9TM48P4H01 ETC2-9TM48P4H01 Datasheet
182Kb / 2P
   AC Fan 120 9AD type
9HV1248P1G001 ETC2-9HV1248P1G001 Datasheet
165Kb / 2P
   AC Fan 120 9AD type
9GV1512H501 ETC2-9GV1512H501 Datasheet
114Kb / 2P
   AC Fan 120 9AD type
9LB1212H101 ETC2-9LB1212H101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9WB1412S501 ETC2-9WB1412S501 Datasheet
111Kb / 2P
   AC Fan 120 9AD type
9LB1412S501 ETC2-9LB1412S501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
logo
SANYO DENKI CO., LTD.
9AD0901H12 SANYODENKI-9AD0901H12 Datasheet
226Kb / 4P
   ACDC Fan 92횞92횞38 mm San Ace 92AD 9AD type
9AD1201H12 SANYODENKI-9AD1201H12 Datasheet
199Kb / 4P
   ACDC Fan 120횞120횞38 mm San Ace 120AD 9AD type
logo
NTE Electronics
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
logo
SANYO DENKI CO., LTD.
109S075UL SANYODENKI-109S075UL Datasheet
192Kb / 5P
   AC Fan 120횞120횞38 mm San Ace 120
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com