Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LB1248H101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9LB1248H101
Description  AC Fan 120 9AD type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9LB1248H101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9LB1248H101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9LB1248H101 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
296
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.35
0.30
0.25
0.20
0.10
0.15
0.05
020 40
80
60
140
120
100
0
90
80
70
60
50
40
30
20
10
2
1
4
3
13.8V/27.6V/55.2V
10.2V/20.4V/40.8V
12V/24V/48V
9LB1212H101
9LB1224H101
9LB1248H101
4-2
±0.5
119
±1
104.8
±0.3
4-
φ4.3±0.3
7
±0.5
10.5
±0.5
4-2
±0.5
4-
φ11±0.5
124
±1
104.8
±0.3
4-
φ4.3±0.3
φ42.2
φ1.6
φ
11
3
152.5
1.5
ー0.5
5+1
 0
φ1.6
5
1
 0
φ1.6
φ1.6
φ
11
3
9LB1212M101
9LB1224M101
9LB1248M101
9LB1224S101
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.25
0.20
0.15
0.05
0.10
020
40
80
60
100
0
70
60
50
40
30
20
10
2
13
13.8V/27.6V/55.2V
10.2V/20.4V/40.8V
12V/24V/48V
→ 風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
20
60
40
140
100
80
120
160
2
13
4
5
080
60
20 40
100
0.4
0.2
0.1
0
0.3
0.6
0.5
160
120 140
180
27.6V
24V
20.4V
H speed
M speed
S speed
Air Flow - Static Pressure Characteristics
Outlet side
Inlet side, Outlet side
OptionsUnit : mm
Finger guards
Model:109-019C
:109-019H
Surfacetreatment:Nickel-chromeplating(silver)
:Cationelectropainting(black)
Color
Resin Finger guards
Model:109-1000G
Resin filter kits
Model:109-1000F13(13PPI)
,109-1000F20(20PPI)
:109-1000F30(30PPI)
,109-1000F40(40PPI)
Model:109-019E
:109-019K
Surfacetreatment:Nickel-chromeplating(silver)
:Cationelectropainting(black)
Air Flow
Air Flow
Air Flow
Color


Similar Part No. - 9LB1248H101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9LB1412H501 ETC2-9LB1412H501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
9LB1412M501 ETC2-9LB1412M501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
9LB1412S501 ETC2-9LB1412S501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
9LB1424B501 ETC2-9LB1424B501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
9LB1424H501 ETC2-9LB1424H501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
More results

Similar Description - 9LB1248H101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9TM48P4H01 ETC2-9TM48P4H01 Datasheet
182Kb / 2P
   AC Fan 120 9AD type
9HV1248P1G001 ETC2-9HV1248P1G001 Datasheet
165Kb / 2P
   AC Fan 120 9AD type
9GV1512H501 ETC2-9GV1512H501 Datasheet
114Kb / 2P
   AC Fan 120 9AD type
9WB1412S501 ETC2-9WB1412S501 Datasheet
111Kb / 2P
   AC Fan 120 9AD type
9G1212G101 ETC2-9G1212G101 Datasheet
154Kb / 4P
   AC Fan 120 9AD type
9LB1412S501 ETC2-9LB1412S501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
logo
SANYO DENKI CO., LTD.
9AD0901H12 SANYODENKI-9AD0901H12 Datasheet
226Kb / 4P
   ACDC Fan 92횞92횞38 mm San Ace 92AD 9AD type
9AD1201H12 SANYODENKI-9AD1201H12 Datasheet
199Kb / 4P
   ACDC Fan 120횞120횞38 mm San Ace 120AD 9AD type
logo
NTE Electronics
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
logo
SANYO DENKI CO., LTD.
109S075UL SANYODENKI-109S075UL Datasheet
192Kb / 5P
   AC Fan 120횞120횞38 mm San Ace 120
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com