Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9TM48P4H01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9TM48P4H01
Description  AC Fan 120 9AD type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9TM48P4H01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9TM48P4H01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9TM48P4H01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
311
3-M4
(10)
風吹出方向
風吹出方向
+30
300 0
50.5
±1
φ
56
±
0.3
25
±1
18.5
±1
回転方向
リード線
AWG26
UL1007
インレットノズル側
ファン側
4-φ4.5
120
°
120
°
φ56
±0.5
3-φ4.5
φ116
.6±
0.5
φ106
±0.5
San Ace C100
General Specifications
Material……………………Motor case: Aluminum,
Impeller: Plastics (Flammability: UL94V-0)
Expected Life ……………Refer to specifications (L10:Survival rate: 90% at 60,
rated voltage, and continuously run in a free air state)
Lead Wire …………………
red
black Sensor yellow Control brown
Storage Temperature …−30to 70℃(Non-condensing
φ
100mm×25mm
Mass150g
25mm thick
Centrifugal Fan
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle
[%]
Rated Current Rated Input Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
9TM48P4H01
48
36 to 60
100
0.22
10.56
6,400
1.77
62.5
560
2.25
60
20 to 70
40,000
0
0.04
1.92
2,000
0.51
18.0
48
0.19
34
PWM Frequency25kHz
Air Flow Direction
Air Flow Direction
Fan side
Inlet nozzle side
Reference dimension of mounting holes and vent openingUnit : mm
Specifications When our inlet nozzleOptionModel NO. : 109-1080)]is mounted. The following nos. have PWM controls and pulse sensors.
DimensionsUnit : mm
φ
100mm
Rotating Direction
Note : Max input is 14 W at rated voltage.
Lead Wire
Available options: Without Sensor
Pulse Sensor


Similar Description - 9TM48P4H01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9HV1248P1G001 ETC2-9HV1248P1G001 Datasheet
165Kb / 2P
   AC Fan 120 9AD type
9GV1512H501 ETC2-9GV1512H501 Datasheet
114Kb / 2P
   AC Fan 120 9AD type
9LB1212H101 ETC2-9LB1212H101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9WB1412S501 ETC2-9WB1412S501 Datasheet
111Kb / 2P
   AC Fan 120 9AD type
9G1212G101 ETC2-9G1212G101 Datasheet
154Kb / 4P
   AC Fan 120 9AD type
9LB1412S501 ETC2-9LB1412S501 Datasheet
120Kb / 2P
   AC Fan 120 9AD type
logo
SANYO DENKI CO., LTD.
9AD0901H12 SANYODENKI-9AD0901H12 Datasheet
226Kb / 4P
   ACDC Fan 92횞92횞38 mm San Ace 92AD 9AD type
9AD1201H12 SANYODENKI-9AD1201H12 Datasheet
199Kb / 4P
   ACDC Fan 120횞120횞38 mm San Ace 120AD 9AD type
logo
NTE Electronics
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
logo
SANYO DENKI CO., LTD.
109S075UL SANYODENKI-109S075UL Datasheet
192Kb / 5P
   AC Fan 120횞120횞38 mm San Ace 120
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com