Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC15-3-A Datasheet(PDF) 2 Page - Power-One

Part # HC15-3-A
Description  Linear Power Supplies Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HC15-3-A Datasheet(HTML) 2 Page - Power-One

  HC15-3-A Datasheet HTML 1Page - Power-One HC15-3-A Datasheet HTML 2Page - Power-One HC15-3-A Datasheet HTML 3Page - Power-One HC15-3-A Datasheet HTML 4Page - Power-One HC15-3-A Datasheet HTML 5Page - Power-One HC15-3-A Datasheet HTML 6Page - Power-One HC15-3-A Datasheet HTML 7Page - Power-One HC15-3-A Datasheet HTML 8Page - Power-One HC15-3-A Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MCD10016 Rev. 1.2, 13-Nov-09
Page 2 of 9
www.power-one.com
Linear Power Supplies Data Sheet
(See Additional Features Column)
A
Overvoltage protection, set at 6.2 V ±0.4 V.
B
Non-adjustable 3-terminal regulator.
C
Remote sense provided.
D
With output inhibit and parallel
operation master/slave capability.
E
With output inhibit.
F
Adjustable 3-terminal regulator.
G
Can be made into an isolated output by
removing jumper W1.
H
Model requires 100 LFM forced-air
cooling above 75% of rated output
power at 50 degrees C.
Case
Dimensions
Type
(Inches)
AA
6.50 x 4.00 x 2.10
B
4.87 x 4.00 x 2.10
BAA
10.25 x 4.00 x 2.95
BB
7.00 x 4.87 x 2.95
C
5.62 x 4.87 x 2.95
CBB
11.00 x 4.87 x 3.28
CC
9.38 x 4.87 x 3.28
CP131
11.00 x 4.87 x 3.28
D
9.00 x 4.87 x 3.28
DBB
14.25 x 4.87 x 3.38
DCC
15.00 x 4.88 x 4.55
E
14.00 x 4.87 x 3.53
F
16.75 x 4.88 x 5.00
N
7.00 x 4.87 x 3.28
Case
Dimensions
Type
(Millimeters)
AA
165.10 x 101.60 x 53.34
B
123.70 x 101.60 x 53.34
BAA
260.35 x 101.60 x 74.93
BB
177.80 x 123.70 x 74.93
C
142.75 x 123.70 x 74.93
CBB
279.40 x 123.70 x 83.31
CC
238.25 x 123.70 x 83.31
CP131
279.40 x 123.70 x 83.31
D
228.60 x 123.70 x 83.31
DBB
361.95 x 123.70 x 85.85
DCC
381.00 x 123.95 x 115.57
E
355.60 x 123.70 x 89.66
F
425.50 x 123.95 x 127.00
N
177.80 x 123.70 x 83.31
Nominal
Max
Model Input
Case
Additional
Vout*
Amps
100 to 264 VAC
Type
Features & Notes
5Vout
5
1.5
HA5-1.5/OVP-AG
B
A
5
3
HB5-3/OVP-AG
B
A, C
5
6
HC5-6/OVP-AG
C
A, C
5
9
HN5-9/OVP-AG
N
A, C
5
12
HD5-12/OVP-AG
D
A, C
5
18
HE5-18/OVP-AG
E
A, C
5
25
F5-25/OVP-AG
F
A, C, D, H
5
35
G5-35/OVP-AG
F
A, C, D, H
5
50
CP197-AG
F
A, C, D
12 to 15Vout
12
0.9
HA15-0.9-AG
B
12
1.7
HB12-1.7-AG
B
C
12
3.4
HC12-3.4-AG
C
C
12
5.1
HN12-5.1-AG
N
C
12
6.8
HD12-6.8-AG
D
C
12
10.2
HE12-10.2-AG
E
C
12
16
F15-15-AG
F
C, D, H
15*
0.9
HA15-0.9-AG
B
15
1.5
HB15-1.5-AG
B
C
15
3
HC15-3-AG
C
C
15
4.5
HN15-4.5-AG
N
C
15
6
HD15-6-AG
D
C
15
9
HE15-9-AG
E
C
15*
15
F15-15-AG
F
C, D, H
24 to 28Vout
24
0.5
HA24-0.5-AG
B
24
1.2
HB24-1.2-AG
B
C
24
2.4
HC24-2.4-AG
C
C
24
3.6
HN24-3.6-AG
N
C
24
4.8
HD24-4.8-AG
D
C
24
7.2
HE24-7.2-AG
E
C
24
12
F24-12-AG
F
C, D, H
28*
0.5
HA24-0.5-AG
B
28
1
HB28-1-AG
B
C
28
2
HC28-2-AG
C
C
28
3
HN28-3-AG
N
C
28
4
HD28-4-AG
D
C
28
6
HE28-6-AG
E
C
28*
10
F24-12-AG
F
C, D, H
48Vout
48
0.5
HB48-0.5-AG
B
48
1
HC48-1-AG
C
48
3
HD48-3-AG
D
C
48
4
HE48-4-AG
E
C
* May require jumpering or potentiometer adjustment.
Unsigned output voltages are isolated and can be used as either + or - polarities.
Model numbers highlighted in yellow or shaded are not recommended for new designs.


Similar Part No. - HC15-3-A

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HC15-3-A++ SLPOWER-HC15-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HC15-3-A+G SLPOWER-HC15-3-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HC15-3-AG POWER-ONE-HC15-3-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HC15-3-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HTAA-16W-AG POWER-ONE-HTAA-16W-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
   Linear Amplifier MMIC Data Sheet - Rev 2.3
logo
Pasternack Enterprises,...
PE20DV1035 PASTERNACK-PE20DV1035 Datasheet
462Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0023 PASTERNACK-PE20S0023 Datasheet
614Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0024 PASTERNACK-PE20S0024 Datasheet
491Kb / 5P
   Power Dividers Technical Data Sheet
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0022 PASTERNACK-PE20S0022 Datasheet
433Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com