Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMOZ13V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMOZ13V
Description  ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ13V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMOZ13V Datasheet HTML 1Page - Central Semiconductor Corp CMOZ13V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ2V4
Series Zener Diode is a high quality voltage
regulator in an epoxy-molded ULTRAmini™
package, designed for applications requiring low
leakage.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA =50°C)
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA FOR ALL TYPES.
CMOZ2V4 THRU CMOZ43V
ULTRAmini
ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
SOD-523 CASE
Central
Semiconductor Corp.
TM
R0 ( 16-November 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS VOLTS VOLTS
mA
µA
VOLTS
CMOZ2V4
2.28
2.4
2.52
5.0
100
25
1.0
F1
CMOZ2V6
2.47
2.6
2.73
5.0
100
25
1.0
F1A
CMOZ2V7
2.57
2.7
2.84
5.0
100
10
1.0
F2
CMOZ3V0
2.85
3.0
3.15
5.0
95
5.0
1.0
F3
CMOZ3V3
3.14
3.3
3.47
5.0
95
2.0
1.0
F4
CMOZ3V6
3.42
3.6
3.78
5.0
90
2.0
1.0
F5
CMOZ3V9
3.71
3.9
4.10
5.0
90
2.0
1.0
F6
CMOZ4V3
4.09
4.3
4.52
5.0
90
1.0
1.0
F7
CMOZ4V7
4.47
4.7
4.94
5.0
80
3.0
2.0
F8
CMOZ5V1
4.85
5.1
5.36
5.0
60
2.0
2.0
F9
CMOZ5V6
5.32
5.6
5.88
5.0
40
1.0
2.0
F0
CMOZ6V2
5.89
6.2
6.51
5.0
10
3.0
4.0
H1
CMOZ6V8
6.46
6.8
7.14
5.0
15
2.0
4.0
H2
CMOZ7V5
7.12
7.5
7.88
5.0
15
1.0
5.0
H3
CMOZ8V2
7.79
8.2
8.61
5.0
15
0.7
5.0
H4
CMOZ9V1
8.65
9.1
9.56
5.0
15
0.5
6.0
H5
CMOZ10V
9.50
10
10.50
5.0
20
0.2
7.0
H6
CMOZ11V
10.45
11
11.55
5.0
20
0.1
8.0
H7
CMOZ12V
11.40
12
12.60
5.0
25
0.1
8.0
H8
CMOZ13V
12.35
13
13.65
5.0
30
0.1
8.0
H9


Similar Part No. - CMOZ13V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ13V CENTRAL-CMOZ13V Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ13V CENTRAL-CMOZ13V Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOZ13VC CENTRAL-CMOZ13VC Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ13VC CENTRAL-CMOZ13VC Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMOZ13V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMPZDA3V6 CENTRAL-CMPZDA3V6 Datasheet
103Kb / 2P
   DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com