Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV3C002UN Datasheet(PDF) 1 Page - Rohm

Part # RV3C002UN
Description  Nch 20V 150mA Small Signal MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RV3C002UN Datasheet(HTML) 1 Page - Rohm

  RV3C002UN Datasheet HTML 1Page - Rohm RV3C002UN Datasheet HTML 2Page - Rohm RV3C002UN Datasheet HTML 3Page - Rohm RV3C002UN Datasheet HTML 4Page - Rohm RV3C002UN Datasheet HTML 5Page - Rohm RV3C002UN Datasheet HTML 6Page - Rohm RV3C002UN Datasheet HTML 7Page - Rohm RV3C002UN Datasheet HTML 8Page - Rohm RV3C002UN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TENTATIVE
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
RV3C002UN
Nch 20V 150mA Small Signal MOSFET
4) Built-in ESD Protection Diode.
2) Low voltage drive (1.2V) makes this
device ideal for partable equipment.
3) Drive circuits can be simple.
°C/W
lThermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA
*3
-
-
1250
lInner circuit
lFeatures
lOutline
VDSS
20V
VML0604
RDS(on) (Max.)
2.0
W
ID
150mA
PD
100mW
1) Ultra Small Package (0.6×0.4×0.36mm)
lPackaging specifications
Type
Packaging
Taping
lApplication
Reel size (mm)
180
Switching
Tape width (mm)
8
Basic ordering unit (pcs)
8,000
Drain - Source voltage
VDSS
20
V
Taping code
T2CL
Marking
RY
lAbsolute maximum ratings(T
a = 25°C)
Parameter
Symbol
Value
Unit
Continuous drain current
ID
*1
150
mA
Pulsed drain current
ID,pulse
*2
600
mA
Power dissipation
Gate - Source voltage
VGSS
10
V
PD
*3
100
mW
Junction temperature
Tj
150
°C
Range of storage temperature
Tstg
-55 to +150
°C
*1 BODY DIODE
*2 ESD PROTECTION DIODE
(1) Gate
(2) Source
(3) Drain
1/10
2014.03 - Rev.A


Similar Part No. - RV3C002UN

ManufacturerPart #DatasheetDescription
logo
Rohm
RV3C001ZP ROHM-RV3C001ZP Datasheet
751Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
More results

Similar Description - RV3C002UN

ManufacturerPart #DatasheetDescription
logo
Rohm
RV1C002UN ROHM-RV1C002UN Datasheet
751Kb / 11P
   Nch 20V 150mA Small Signal MOSFET
RUQ050N02FRA ROHM-RUQ050N02FRA Datasheet
2Mb / 15P
   Nch 20V 5A Small Signal MOSFET
RV8C010UNHZG ROHM-RV8C010UNHZG Datasheet
4Mb / 14P
   Nch 20V 1A Small Signal MOSFET
RUR040N02HZG ROHM-RUR040N02HZG Datasheet
2Mb / 15P
   Nch 20V 4A Small Signal MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
   Nch 20V 2.5A Small Signal MOSFET
RQ6C050UN ROHM-RQ6C050UN Datasheet
2Mb / 15P
   Nch 20V 5A Small Signal MOSFET
RQ1C075UNHZG ROHM-RQ1C075UNHZG Datasheet
2Mb / 15P
   Nch 20V 7.5A Small Signal MOSFET
RUR040N02FRA ROHM-RUR040N02FRA Datasheet
2Mb / 14P
   Nch 20V 4A Small Signal MOSFET
RE1C001UN ROHM-RE1C001UN Datasheet
2Mb / 13P
   Nch 20V 100mA Small Signal MOSFET
RE1C002UN ROHM-RE1C002UN Datasheet
2Mb / 13P
   Nch 20V 200mA Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com