Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR131S Datasheet(PDF) 6 Page - Sanken electric

Part # NR131S
Description  Ultra light load high efficiency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

NR131S Datasheet(HTML) 6 Page - Sanken electric

Back Button NR131S Datasheet HTML 2Page - Sanken electric NR131S Datasheet HTML 3Page - Sanken electric NR131S Datasheet HTML 4Page - Sanken electric NR131S Datasheet HTML 5Page - Sanken electric NR131S Datasheet HTML 6Page - Sanken electric NR131S Datasheet HTML 7Page - Sanken electric NR131S Datasheet HTML 8Page - Sanken electric NR131S Datasheet HTML 9Page - Sanken electric NR131S Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Ultra light load high efficiency,VIN=17V,Current mode Step-down Io=3A Buck Regulator IC
NR130S series
SANKEN ELECTRIC CO., LTD.
Sep/10/2013
Rev.1.2
6
http://www.sanken-ele.co.jp
(5)Over Current Protection
(2) Output startup Io=1A
(3) Load Regulation : VLoad
(6) Supply Current : IIN
Supply Current : IIN
(4) Shutdown Supply Current : IIN(off)
(7) Switching Frequency: fSW
Output Current IO [A]
Input Voltage VIN [V]
4.700
4.750
4.800
4.850
4.900
4.950
5.000
5.050
5.100
5.150
5.200
5.250
5.300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Io [A]
NR116KLoadReg.
Vo=3.3V L=10uH Ta=25℃
Input Voltage VIN [V]
Output Current IO [A]
200
220
240
260
280
300
320
340
360
380
400
420
440
460
480
500
0.0
1.0
2.0
3.0
4.0
5.0
Io [A]
NR110K focs
Vo=3.3V L=10uH
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.0
5.0
10.0
15.0
20.0
25.0
30.0
VIN[V]
NR110K,111K,114K,115K,116K,117K
IQ_off
Input Voltage
VIN [V]
Output Current
IO [A]
VEN=0V
VO=5.0V
0
1
2
3
4
5
6
1
2
3
4
5
6
Vin=8[V]
Vin=12[V]
Vin=16[V]
0
1
2
3
4
5
6
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
1
2
3
4
5
6
7
8
0
3
6
9
12
15
18


Similar Part No. - NR131S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR131S SANKEN-NR131S Datasheet
660Kb / 15P
   The NR130 series is buck regulator ICs integrates High-side power MOSFETs.
Rev.1.2 Sep/10/2013
More results

Similar Description - NR131S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
logo
Analog Intergrations Co...
AIC3412 AIC-AIC3412 Datasheet
394Kb / 9P
   Low IQ High Light Load Efficiency
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com