Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR301E Datasheet(PDF) 8 Page - Sanken electric

Part # NR301E
Description  eSOIC8 Linear Regulator IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

NR301E Datasheet(HTML) 8 Page - Sanken electric

Back Button NR301E Datasheet HTML 4Page - Sanken electric NR301E Datasheet HTML 5Page - Sanken electric NR301E Datasheet HTML 6Page - Sanken electric NR301E Datasheet HTML 7Page - Sanken electric NR301E Datasheet HTML 8Page - Sanken electric NR301E Datasheet HTML 9Page - Sanken electric NR301E Datasheet HTML 10Page - Sanken electric NR301E Datasheet HTML 11Page - Sanken electric NR301E Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Io=1A,Vin=27V, eSOIC8 Linear Regulator IC
NR301E
SANKEN ELECTRIC CO., LTD.
Sep/19/2013
Rev.1.0
8
http://www.sanken-ele.co.jp
Allowable package power dissipation
Note:
*The power dissipation is calculated at the junction temperature 125 °C
Pattern Design
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-25
0
25
50
75
100
125
周囲温度 Ta [℃ ]
Ambient Temperature
0.61 (0.024)
1.27 (0.050)
2.35 (0.092)
5.40 (0.213)
3.37(0.133)
1.60 (0.063)
VIN
Vo
Vc
Adj
GND
C1
C2
R3
R1-1
R1-2
R2
NR301E
GND
copper area : 25×25mm
Glass-epoxy board mounting in a
30×30mm
Note:
Size of the PCB is about
28mm×40mm t=1.6mm
(
double sided board, copper foil
thickness=35μm)
Note:
1) Dimension is in millimeters,
dimension in bracket is in inches.
2) Drawing is not to scale.
Front side(
Component Side)
Back side(Ground plain)


Similar Part No. - NR301E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
NR3010 MAXIM-NR3010 Datasheet
829Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Linear Technology
NR30102R2M LINER-NR30102R2M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
NR30102R2M LINEAR-NR30102R2M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Linear Technology
NR30104R7M LINER-NR30104R7M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
NR30104R7M LINEAR-NR30104R7M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
More results

Similar Description - NR301E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
logo
STMicroelectronics
LDL212 STMICROELECTRONICS-LDL212 Datasheet
1Mb / 28P
   High PSRR, low drop linear regulator IC
September 2016 Rev 2
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
33710 FREESCALE-33710 Datasheet
1Mb / 17P
   Dual Output DC-DC & Linear Regulator IC
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
LD39020 STMICROELECTRONICS-LD39020 Datasheet
2Mb / 30P
   200 mA very low quiescent current linear regulator IC
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
   200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
logo
Generalplus Technology ...
GPY0029C GENERALPLUS-GPY0029C Datasheet
917Kb / 16P
   Linear Regulator
logo
ON Semiconductor
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com