Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q429 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610Q429
Description  8-bit Microcontroller with a Built-in LCD driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q429 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610Q429 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q429 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
FEDL610Q428-03
ML610Q428/ML610Q429
9/33
ML610Q429 Chip Dimension
31
SEG11
32
SEG12
33
SEG13
34
SEG14
35
SEG15
36
SEG16
37
SEG17
38
SEG18
39
SEG19
40
SEG20
41
SEG21
42
SEG22
43
SEG23
44
SEG24
45
SEG25
46
SEG26
47
SEG27
48
SEG28
49
SEG29
50
SEG30
51
SEG31
52
SEG32
53
SEG33
54
SEG34
55
SEG35
56
SEG36
57
SEG37
58
SEG38
59
SEG39
60
SEG40
61
SEG41
62
SEG42
94
P20
95
P21
96
P22
97
P40
98
P41
99
VPP
100
RESET_N
101
P44
102
P45
103
P46
104
P47
105
P30
106
P31
107
P34
108
P32
109
P33
110
P35
111
TEST
112
VDD
113
VDDL
114
VSS
115
VDDX
116
XT0
117
XT1
118
P42
119
P43
120
VL1
121
VL2
122
VL3
123
VL4
124
C1
125
C2
428
ZF8
Device Name
"428"
Device Name
"ZF8"
Chip size:
2.99 mm
× 3.11 mm
PAD count:
125 pins
Minimum PAD pitch:
80
µm
PAD aperture:
70
µm × 70 µm
Chip thickness:
350
µm
Voltage of the rear side of chip:
VSS level
Figure 5 ML610Q429 Chip Dimension
Note:
Figure 5 is an image figure of the order of PAD, and it differs from an actual image. Refer to the PAD coordinate for detailed
arrangement.
A chip angle can be checked by the distinguishing mark of three figures.


Similar Part No. - ML610Q429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q429 ETC2-ML610Q429 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q429 LAPIS-ML610Q429 Datasheet
724Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com