Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-2812 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-2812
Description  Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-2812 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-2812 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-2812 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
4.9 to 6GHz Band Typical Scattering Parameters at 25*C, VDS = 3.3V, IDS = 23.4mA
freq
100. MHz
300. MHz
500. MHz
700. MHz
900. MHz
1.10 GHz
1.30 GHz
1.50 GHz
1.70 GHz
1.90 GHz
2.10 GHz
2.30 GHz
2.50 GHz
2.70 GHz
2.90 GHz
3.10 GHz
3.30 GHz
3.50 GHz
3.70 GHz
3.90 GHz
4.10 GHz
4.30 GHz
4.50 GHz
4.70 GHz
4.90 GHz
5.10 GHz
5.30 GHz
5.50 GHz
5.70 GHz
5.90 GHz
6.10 GHz
6.30 GHz
6.50 GHz
6.70 GHz
6.90 GHz
7.10 GHz
7.30 GHz
7.50 GHz
7.70 GHz
7.90 GHz
8.10 GHz
8.30 GHz
8.50 GHz
8.70 GHz
8.90 GHz
9.00 GHz
S(1,1)
-86.9m / 167.
-136.m / 141.
-191.m / 115.
-229.m / 89.2
-233.m / 62.6
-368.m / 36.1
-285.m / 8.05
-353.m / -20.2
-342.m / -48.9
-345.m / -77.8
-369.m / -107.
-326.m / -136.
-318.m / -166.
-841.m / 164.
-1.42 / 145.
-776.m / 119.
-843.m / 92.1
-1.10 / 66.2
-1.31 / 41.1
-1.67 / 13.2
-2.23 / -15.8
-3.10 / -49.1
-4.48 / -89.1
-7.66 / -142.
-10.4 / 170.
-11.0 / 111.
-10.1 / 62.9
-9.04 / 20.7
-8.71 / -20.3
-10.1 / -62.1
-12.4 / -123.
-13.8 / 125.
-11.0 / 25.4
-13.4 / -19.8
-14.7 / -13.4
-13.7 / -513.m
-9.13 / -15.6
-6.54 / -37.1
-5.42 / -58.7
-5.14 / -80.7
-5.18 / -93.6
-4.92 / -108.
-4.74 / -122.
-4.55 / -135.
-4.61 / -148.
-4.64 / -155.
S(2,1)
-63.4 / 25.1
-54.9 / -11.3
-42.4 / -41.6
-33.4 / -72.2
-27.0 / -111.
-21.2 / -146.
-15.5 / 170.
-12.6 / 125.
-11.4 / 80.9
-11.0 / 41.5
-10.8 / 12.8
-10.9 / -8.43
-14.2 / 5.68
-5.10 / 5.61
-3.35 / -19.0
6.23 / -46.6
9.23 / -98.7
9.31 / -140.
10.1 / -166.
12.2 / 158.
16.0 / 132.
17.6 / 102.
19.3 / 57.4
21.1 / 21.0
21.8 / -27.6
21.7 / -60.7
21.7 / -94.9
22.3 / -130.
22.9 / -165.
22.9 / 157.
22.9 / 117.
21.7 / 74.4
18.7 / 42.4
17.8 / 24.6
17.2 / -2.56
17.0 / -28.1
16.5 / -58.3
16.3 / -83.5
15.6 / -108.
14.9 / -136.
14.7 / -163.
13.7 / 169.
12.9 / 143.
12.3 / 120.
12.0 / 92.6
11.8 / 76.9
S(1,2)
-66.7 / -145.
-67.5 / -153.
-80.4 / 1.59
-64.7 / -154.
-58.5 / 179.
-53.7 / 146.
-50.0 / 107.
-47.5 / 52.6
-48.1 / 17.1
-49.5 / -15.4
-53.6 / -45.6
-54.0 / -34.8
-44.8 / -9.14
-36.5 / -70.7
-38.8 / -156.
-43.5 / -176.
-43.9 / 167.
-45.8 / 153.
-42.5 / 128.
-43.5 / 108.
-43.0 / 97.5
-44.8 / 72.8
-44.8 / 34.5
-39.6 / -2.04
-47.8 / -111.
-50.2 / 156.
-44.9 / 78.3
-42.9 / 35.9
-42.2 / 14.8
-38.1 / -2.20
-34.8 / -30.4
-31.1 / -70.3
-30.2 / -137.
-33.6 / 165.
-39.6 / 111.
-44.2 / 74.5
-50.8 / -2.94
-51.5 / -64.2
-45.6 / -116.
-48.0 / 172.
-47.8 / 166.
-46.5 / 178.
-45.1 / 135.
-45.6 / 145.
-43.4 / 113.
-41.0 / 95.8
S(2,2)
5.07m / -14.4
-24.9m / -43.2
-92.4m / -71.8
-217.m / -101.
-375.m / -129.
-576.m / -156.
-796.m / 179.
-768.m / 155.
-595.m / 129.
-505.m / 102.
-570.m / 74.3
-855.m / 44.4
-1.57 / 13.7
-2.41 / -10.6
-2.07 / -43.2
-2.25 / -75.6
-2.31 / -113.
-2.54 / -150.
-2.60 / 169.
-3.31 / 134.
-3.45 / 102.
-3.49 / 70.2
-4.06 / 37.2
-6.52 / 21.3
-8.39 / -12.0
-11.2 / -18.6
-13.2 / -26.5
-17.3 / -39.3
-23.7 / -6.49
-18.1 / 31.8
-16.8 / 14.8
-16.7 / 42.1
-6.61 / 28.9
-3.80 / -20.3
-3.74 / -56.6
-4.07 / -83.8
-4.57 / -108.
-5.25 / -129.
-6.31 / -148.
-7.48 / -170.
-10.9 / 167.
-17.8 / 143.
-29.0 / -43.5
-14.1 / -61.2
-8.97 / -86.0
-7.49 / -97.6
Typical Noise Parameters,
VDS = 3.3V, IDS = 23.4mA
Freq
GHz
NF
dB
4.95
1.6
5.5
1.5
6
1.5
1234
5678
09
-6 0
-4 0
-2 0
0
20
-8 0
40
fre q, GHz


Similar Part No. - ALM-2812

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
ALM-2812 BOARDCOM-ALM-2812 Datasheet
92Kb / 3P
   Reliability Prediction Model
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812_07 Datasheet
92Kb / 3P
   Reliability Prediction Model
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812_15 Datasheet
156Kb / 10P
   WLAN Low-Noise Amplifier
More results

Similar Description - ALM-2812

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
logo
Silicon Storage Technol...
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
   2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com