Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX81205 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX81205
Description  BLDC Motor Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81205 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX81205 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MLX81205/07/10/15
Product Abstract
Page 6 of 18
Rev 3.9
TFR / CPA
11-May-2012
2.
Pin Description
Name
Type
Function
MLX81205
MLX81207
MLX81210
MLX81215
VS
P
Battery Supply
X
X
X
X
RTG
O
3.3V External MOS Gate Control
X
X
X
X
VDDA
P
3.3V Supply
X
X
X
X
V5R
P
5V Regulator Output for external NFET
X
X
V5IN
I
5V Regulator Input
X
X
VDDD
P
1.8V Regulator output
X
X
X
X
GNDD
GND
Digital ground
X
X
X
X
GNDCAP
GND
Digital ground
X
X
X
GNDDRV
GND
Driver ground
X
X
X
X
GNDA
GND
Analog ground
X
X
X
X
LIN
HVIO
Connection to LIN bus or PWM interface
X
X
X
X
IOHV
HVIO
General purpose IO pin
X
X
X
X
TI0
I
Test input, debug interface
X
X
X
X
TI1
I
Test input, debug interface
X
X
X
X
TO
O
Test output, debug interface
X
X
X
X
OSC1
I
Quarz interface input
X
X
X
X
OSC2
O
Quarz interface ouput
X
X
X
X
IO1
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
X
X
IO2
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
X
X
IO3
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
X
IO4
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
X
IO5
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
X
IO6
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
IO7
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
IO8
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
IO9
LVIO
General purpose IO pin (Low voltage 3.3V)
X
X
CLKO
HVO
Switchable 250kHz clock output to VREF level
X
X
X
SHU
HVI
Phase U input to BEMF sensing blocks
X
X
SHV
HVI
Phase V input to BEMF sensing blocks
X
X
SHW
HVI
Phase W input to BEMF sensing blocks
X
X
T
HVI
Reference input to BEMF sensing blocks
X
X
X
X
VREF
P
Clamped 8V or 12V ref. voltage for bootstrap
X
X
X
X
CP2
HVIO
High side bootstrap capacitor driver 2
X
X
X
X
HS2
HVIO
N-FET high side gate driver 2
X
X
X
X
W
HVI
Phase W input to HS2 buffer and BEMF sensing blocks
X
X
X
X
LS2
HVO
N-FET low side gate driver 2
X
X
X
X
CP1
HVIO
High side bootstrap capacitor driver 1
X
X
X
X
HS1
HVIO
N-FET high side gate driver 1
X
X
X
X
V
HVI
Phase V input to HS1 buffer and BEMF sensing blocks
X
X
X
X
LS1
HVO
N-FET low side gate driver 1
X
X
X
X
CP0
HVIO
High side bootstrap capacitor driver 0
X
X
X
X
HS0
HVIO
N-FET high side gate driver 0
X
X
X
X
U
HVI
Phase U input to HS0 buffer and BEMF sensing blocks
X
X
X
X
LS0
HVO
N-FET low side gate driver 0
X
X
X
X
VBAT_S1
HVI
VS high side input for current sensing
X
X
X
X
VBAT_S2
HVI
VS low side input for current sensing
X
X
X
X


Similar Part No. - MLX81205

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
679Kb / 18P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205 Datasheet
1Mb / 17P
   TruSense BLDC Motor Controller
MLX81205LLW-BAD-000-RE MELEXIS-MLX81205LLW-BAD-000-RE Datasheet
679Kb / 18P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205_17 Datasheet
1Mb / 17P
   TruSense BLDC Motor Controller
More results

Similar Description - MLX81205

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81200 MELEXIS-MLX81200 Datasheet
341Kb / 15P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
   BLDC Motor Controller
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205_17 Datasheet
1Mb / 17P
   TruSense BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
logo
PADAUK Technology.
MF610 PADAUK-MF610 Datasheet
401Kb / 11P
   Single-Phase BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Princeton Technology Co...
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
   3-Phase Sinusoidal BLDC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com