Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX83203 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX83203
Description  Automotive NFET pre-drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83203 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX83203 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX83203 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
MLX83202/MLX83203
Automotive NFET pre-drivers
3901083203
Page 8 of 35
Prelim. Data Sheet
Rev 2.2
4 Dec 2013
P.54
Programmable Vds monitor
blanking time: Internal delay
between GATE signal high
and enabling the
corresponding Vds monitor
Tvds_bl
VDS_BLANK_TIME[1:0] =00
01
10
11
0.59
1.22
2.5
4.9
0.75
1.5
3
6
0.93
1.94
4.12
8.44
us
P.56
Sleep gate discharge
resistor
Rsgd
Internal resistance between FET
gate-source pins to switch-off
FET. VDD = 0V (sleep mode)
VGS =0.5V
1
KOhm
P.57
Trickle charge pump current
capability
Itcp
VSUP>12V, PHASE2/3 = VSUP,
CP2/3=PHASE2/3+6.5V
-35
-25
uA
P.58
VGS undervoltage high
Vgs_UVH
ICOM released
42
70
%VREG
VGS undervoltage low
Vgs_UVL
Warning on ICOM
36
63
%VREG
P.60
PWM frequency
F_dr_pwm
5
20
100
KHz
P.61
Leakage from CPx to PHx
Rcp_leak
Typ at room temperature
Min at 150C Tj
0.75
1
MOhm
Logic IO (FET inputs, EN input)
P.63
Digital input high Voltage
VIN_dig_h
Minimum voltage for input to be
treated as logical high
70
%VDD
P.64
Digital input low Voltage
VIN_dig_l
Maximum voltage for input to be
treated as logical low
30
%VDD
P.65
Input pull-up resistance
RIN_dig_pu
FETB1, FETB2, FETB3
90
410
KOhm
P.66
Input pull-down resistance
RIN_dig_pd
FETT1,FETT2, FETT3
90
410
KOhm
P.67
Input pull-down resistance
R_EN_pd
EN
90
410
KOhm
SPI timing
P.68
SPI initial setup time
Tspi_isu
2
us
P.69
SPI clock frequency
Fspi
500
KHz
P.70
Rise/fall times
Tspi_rf
CLK, CSB, MISO, MOSI
200
ns
P.71
CSB setup time
TCSB_su
1
us
P.72
CSB high time
TCSB_H
2
us
P.73
Clock high time
TCLK_H
1
us
P.74
Clock low time
TCLK_L
1
us
P.75
Data in setup time
TDI_su
1
us
P.76
Data in hold time
TDI_h
500
us
P.77
Data out ready delay
TDO_r
Cload at FETB1<50pF
500
us
EEPROM read delay
T_EE_RD
EE_RD = 1
6
us
EEPROM write delay
T_EE_WR
EE_RD = 1
12
ms
ICOM output
P.78
pullup current
ICOM_PU
Vicom=0V
-2.23
-5
mA
P.79
pulldown current
ICOM_PD
Vicom=VDD
5
2.6
mA
Enable input
P.80
Bridge disable propagation
delay
EN_PR_DEL
From Bridge enable EN <
0.2*VDD to VGS < 0.5V,
Cload=1nF
1
us


Similar Part No. - MLX83203

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
   Automotive 3-Phase BLDC Pre-Driver
MLX83203KLWDBA-000RE MELEXIS-MLX83203KLWDBA-000RE Datasheet
2Mb / 42P
   MLX83203-MLX83202 Automotive 3-Phase BLDC Pre-Driver
MLX83203 MELEXIS-MLX83203_16 Datasheet
2Mb / 42P
   MLX83203-MLX83202 Automotive 3-Phase BLDC Pre-Driver
More results

Similar Description - MLX83203

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX83202 MELEXIS-MLX83202 Datasheet
1Mb / 35P
   Automotive NFET pre-drivers
logo
Rohm
BD8381AEFV-M ROHM-BD8381AEFV-M Datasheet
2Mb / 40P
   LED Drivers for Automotive Light
BD8372HFP-M ROHM-BD8372HFP-M Datasheet
545Kb / 17P
   LED Drivers for Automotive Light
BD8381EFV-M ROHM-BD8381EFV-M Datasheet
467Kb / 21P
   LED Drivers for Automotive Light
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
New Japan Radio
NJM2625A NJRC-NJM2625A Datasheet
133Kb / 5P
   3-Phase DC Brushless Motor Pre-Drivers Technical Information
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
   Automotive 3-Phase BLDC Pre-Driver
logo
Allegro MicroSystems
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Rohm
BD6761FS ROHM-BD6761FS_1 Datasheet
464Kb / 23P
   Three-phase Brushless Motor Pre-drivers for Paper Feed
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com