Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US168 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # US168
Description  Low Noise & Low voltage Single-Coil Fan & Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US168 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button US168_14 Datasheet HTML 5Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 6Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 7Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 8Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 9Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 10Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 11Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 12Page - Melexis Microelectronic Systems US168_14 Datasheet HTML 13Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
US168 / US169
Low Noise & Low voltage
Single-Coil Fan/Motor Driver
390109027901
Rev 002
Page 11 of 13
Data Sheet
Apr/12
15 Standard information regarding manufacturability of Melexis
products with different soldering processes
Our products are classified and qualified regarding soldering technology, solderability and moisture
sensitivity level according to following test methods:
Reflow Soldering SMD’s (Surface Mount Devices)
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices
(classification reflow profiles according to table 5-2)
EIA/JEDEC JESD22-A113
Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing
(reflow profiles according to table 2)
Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EN60749-20
Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat
EIA/JEDEC JESD22-B106 and EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Iron Soldering THD’s (Through Hole Devices)
EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EIA/JEDEC JESD22-B102 and EN60749-21
Solderability
For all soldering technologies deviating from above mentioned standard conditions (regarding peak
temperature, temperature gradient, temperature profile etc) additional classification and qualification tests
have to be agreed upon with Melexis.
The application of W ave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance
of adhesive strength between device and board.
Melexis is contributing to global environmental conservation by promoting lead free solutions. For more
information on qualifications of RoHS compliant products (RoHS = European directive on the Restriction
Of the use of certain Hazardous Substances) please visit the quality page on our website:
http://www.melexis.com/quality.aspx
16 ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.


Similar Part No. - US168_14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US16855 UTC-US16855 Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855 UTC-US16855 Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855G-S08-R UTC-US16855G-S08-R Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855G-S08-R UTC-US16855G-S08-R Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855G-S08-R UTC-US16855G-S08-R Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
More results

Similar Description - US168_14

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Melexis Microelectronic...
US168 MELEXIS-US168 Datasheet
624Kb / 13P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
   Low Voltage Voice Coil Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com